Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38047FEHKP Datasheet(PDF) 213 Page - Renesas Technology Corp

Part # M38047FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38047FEHKP Datasheet(HTML) 213 Page - Renesas Technology Corp

Back Button M38047FEHKP Datasheet HTML 209Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 210Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 211Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 212Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 213Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 214Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 215Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 216Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 217Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 387 page
background image
2-89
APPLICATION
2.5 Multi-master I2C-BUS interface
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
I2C clock control register
b7 b6 b5 b4 b3 b2 b1 b0
I2C clock control register
(S2: address 001516)
b
0
Name
0
Functions
At reset R W
0
0
0
0
1
2
3
4
0
0: Standard clock mode
1: High-speed clock mode
0: ACK is returned.
1: ACK is not returned.
5
0
SCL mode
specification bit
(FAST MODE)
7
6
0
ACK clock bit
(ACK)
00 to 02
Disabled
Disabled
03
Disabled
333
04
(Note 2)
250
05
100
400 (Note 3)
06
83.3
166
500/CCR value 1000/CCR value
(Note 3)(Note 3)
1D
17.2
34.5
1E
16.6
33.3
1F
16.1
32.3
(
φ = 4 MHz, Unit: kHz) (Note 1)
0: No ACK clock
1: ACK clock
Setting value
b4b3b2b1b0
Standard
clock mode
High-speed
clock mode
SCL frequency
control bits
(CCR0, CCR1,
CCR2, CCR3,
CCR4)
ACK bit
(ACK BIT)
Notes 1: Duty of SCL clock output is 50 %. The duty becomes 35 to 45 % only when the high-
speed clock mode is selected and CCR value = 5 (400 kHz, at
φ = 4 MHz). H
duration of the clock fluctuates from —4 to +2 machine cycles in the standard clock
mode, and fluctuates from —2 to +2 machine cycles in the high-speed clock mode. In
the case of negative fluctuation, the frequency does not increase because L
duration is extended instead of H duration reduction.
These are values when SCL clock synchronization by the synchronous function is not
performed. CCR value is the decimal notation value of the SCL frequency control bits
CCR4 to CCR0.
2: Each value of SCL frequency exceeds the limit at
φ = 4 MHz or more. When using
these setting value, use
φ of 4 MHz or less.
3: The data formula of SCL frequency is described below:
φ/(8 ✕ CCR value) Standard clock mode
φ/(4 ✕ CCR value) High-speed clock mode (CCR value ≠ 5)
φ/(2 ✕ CCR value) High-speed clock mode (CCR value = 5)
Do not set 0 to 2 as CCR value regardless of
φ frequency.
Set 100 kHz (max.) in the standard clock mode and 400 kHz (max.) in the high-speed
clock mode to the SCL frequency by setting the SCL frequency control bits CCR4 to
CCR0.
Fig. 2.5.7 Structure of I2C clock control register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com