Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M52347SP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M52347SP
Description  Sync Signal Processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52347SP Datasheet(HTML) 4 Page - Renesas Technology Corp

  M52347SP Datasheet HTML 1Page - Renesas Technology Corp M52347SP Datasheet HTML 2Page - Renesas Technology Corp M52347SP Datasheet HTML 3Page - Renesas Technology Corp M52347SP Datasheet HTML 4Page - Renesas Technology Corp M52347SP Datasheet HTML 5Page - Renesas Technology Corp M52347SP Datasheet HTML 6Page - Renesas Technology Corp M52347SP Datasheet HTML 7Page - Renesas Technology Corp M52347SP Datasheet HTML 8Page - Renesas Technology Corp M52347SP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
M52347SP/FP
Rev.2.00 Sep 14, 2006 page 4 of 16
Electrical Characteristics (cont.)
1
1
1
1
2
2
1
1
1
2
2
4.0
0
4.0
0
4.0
0
4.0
0
0.2
2.8
1.0
5.0
0.25
5.0
0.25
5.0
0.25
5.0
0.25
3.1
1.3
5.0
0.5
5.0
0.5
5.0
0.5
5.0
0.5
3.4
1.6
V
V
V
V
V
V
V
V
VP-P
V
V
1
1
1
1
2
2
1
1
2
1
1
2
2
2
2
1
1
2
2
2
2
2
1
1
1
1
1
1
1
1
1
1
1
15
15
17
17
13
13
12
12
5 V
5 V
5 V
5 V
5 V
5 V
5 V
5 V
5 V
5 V
5 V
2.0
2.5
3.0
V
2
1
1
1
Relay Condition
46
8 16
3
10
*3
*4
*5
*6
*7
TP
Condition
In
put
Pin
Output
pin
Output waveform
Note
Symbol
15 OH
15 OL
17 OH
17 OL
13 OH
13 OL
12 OH
12 OL
SS-LV
V3H
V3L
V10
Pin 15 output
Hi level
Pin 15 output
Low level
Pin 17 output
Hi level
Pin 17 output
Low level
Pin 13 output
Hi level
Pin 13 output
Low level
Pin 12 output
Hi level
Pin 12 output
Low level
Sync-Sep Sync
input signal Max.
noise amplitude
voltage
Sync-Sep Sync
input signal Min.
amplitude voltage
CLAMP SW
threshold voltage
H
CLAMP SW
threshold voltage
H variable
V TIME GATE
SW threshold
voltage variable
Item
Limits
Unit
Min. Typ. Max.
Input Condition
0 V
2.5 V
5 V
0 V
2.5 V
5 V
0 V
2.5 V
5 V
0 V
2.5 V
5 V
0 V
2.5 V
5 V
0 V
2.5 V
5 V
0 V
2.5 V
5 V
0 V
2.5 V
5 V
0 V
2.5 V
5 V
0 V
2.5 V
5 V
0 V
5 V
Vari-
able
Vari-
able
Vari-
able
4
6
1
µs
50 kHz
0.6 V
P-P
50 kHz
2 V
P-P
1
µs
4
6
1
µs
50 kHz
0.6 V
P-P
50 kHz
2 V
P-P
1
µs
4
6
1
µs
50 kHz
0.6 V
P-P
50 kHz
2 V
P-P
1
µs
4
6
8
8
1
µs
50 kHz
0.6 V
P-P
50 kHz
2 V
P-P
1
µs
50 kHz
2 V
P-P
1
µs
50 kHz
2 V
P-P
1
µs
4
6
1
µs
50 kHz
0.6 V
P-P
50 kHz
2 V
P-P
1
µs
4
4
4
6
3
DC voltage must be
applied.
No pulse must be output.
No pulse must be output
in this portion.
50 kHz
6
1
µs
50 kHz
0.6 V
P-P
50 kHz
2 V
P-P
1
µs
1
µs
50 kHz
0.05 V
P-P
1
µs
50 kHz
0.2 V
P-P
1
µs
50 kHz
2 V
P-P
3
DC voltage must be
applied.
DC voltage must be
applied.
6
6
8
10
14
15
17
14
17
15
14, 17
1
µs
50 kHz
2 V
P-P
1
µs
50 kHz
2 V
P-P
1
µs
50 kHz
2 V
P-P
15
14, 17
15
14
V Meas
V Meas
V Meas
V Meas
V Meas
V Meas
V Meas
V Meas
5 V
1
2
2
1
VP-P
0.05
SS-NV
Notes: 3. Must not operate when input amplitude is 0.05 VP-P or less. (Pseudo noise signal)
4. Must operate when the input amplitude is 0.2 VP-P or more.
5. Checking output pulse for output with a voltage of 5 VDC applied, decrease the DC voltage and then
measure the voltage when the output pulse is not output.
6. Checking output pulse for output with a voltage of 0 VDC applied, increase the DC voltage and then measure
the voltage when the output pulse is not output.
7. Checking output pulse for output with a voltage of 5 VDC applied, decrease the DC voltage and then
measure the voltage when the output pulse becomes narrow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com