Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M52347SP Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # M52347SP
Description  Sync Signal Processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52347SP Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button M52347SP Datasheet HTML 8Page - Renesas Technology Corp M52347SP Datasheet HTML 9Page - Renesas Technology Corp M52347SP Datasheet HTML 10Page - Renesas Technology Corp M52347SP Datasheet HTML 11Page - Renesas Technology Corp M52347SP Datasheet HTML 12Page - Renesas Technology Corp M52347SP Datasheet HTML 13Page - Renesas Technology Corp M52347SP Datasheet HTML 14Page - Renesas Technology Corp M52347SP Datasheet HTML 15Page - Renesas Technology Corp M52347SP Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
M52347SP/FP
Rev.2.00 Sep 14, 2006 page 12 of 16
3) Polarity detection and non-input detection (pins 7 and 8)
External capacitance is required as a filter pin to detect polarity and non-input. As the value is larger, the ripple is
smaller and less malfunction occurs. However, the response speed for detection is lower. A sufficient external
capacitance is 0.05
µF with input of 15 kHz and 10 µF with input of 60 kHz. However, check the frequency of the
input signal in use and the filter pin waveform with the duty ratio conditions, and then check that the value is 3.1 V
or more (2.8 V in capability) with positive polarity input and 1.9 V or less (2.2 V in capability) with negative
polarity input.
4) V S/S IN (pin 11)
Input a signal of having externally integrated composite sync for V sync separation.
Composite sync input into pin 6 is output to pin 12. Output at 12 is externally integrated and is input into pin 11 for
V sync separation. With the waveform at pin 11, check that the H element has been fully dropped.
The threshold levels of sync separation, given hysteresis, are 3.5 V and 1.8 V.
VTH = 3.5 V
Input waveform at
pin 6
Output waveform at
pin 13
Waveform at
pin 11
VTH = 1.8 V
2. Clamp Pulse
1) Clamp pulse width
CLAMP TIMING (Pin 20)
The clamp pulse width is determined by the external resistance and the capacitance. As the resistance value and
capacitance value are larger, the clamp pulse width is wider.
The time constant is determined by the current flowing out of pin 20 and the capacitance value of the timing pin.
The flow current at pin 20 is determined by the pin voltage and external resistance value. When the external
resistance is 4.3 (that is 700
µA) and the external capacitance is 220 pF, the pulse width is 0.4 µs.
2) Clamp pulse position
CLAMP SW (pin 3)
When pin 3 is "M" or "L", fixing a higher-priority signal to the trailing edge results in occurrence of a clamp pulse.
When pin 3 is "H", and only GREEN is input, clamp pulse occurs at the trailing edge. A clamp pulse also occurs at
the leading edge when COMP/H only is input or when both COMP/H and GREEN are input.
Clamp Timing Capacitance at Pin 20 (pF)
8
0
1
2
3
4
5
6
7
10
100
1000
10000
R = 10 k
Ω
R = 4.3 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com