Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M52347SP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # M52347SP
Description  Sync Signal Processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52347SP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button M52347SP Datasheet HTML 6Page - Renesas Technology Corp M52347SP Datasheet HTML 7Page - Renesas Technology Corp M52347SP Datasheet HTML 8Page - Renesas Technology Corp M52347SP Datasheet HTML 9Page - Renesas Technology Corp M52347SP Datasheet HTML 10Page - Renesas Technology Corp M52347SP Datasheet HTML 11Page - Renesas Technology Corp M52347SP Datasheet HTML 12Page - Renesas Technology Corp M52347SP Datasheet HTML 13Page - Renesas Technology Corp M52347SP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
M52347SP/FP
Rev.2.00 Sep 14, 2006 page 10 of 16
Application Method
1. Input Block
1) GREEN (SYNC ON VIDEO) IN (Pin 4)
Input with sync negative polarity.
Comparison of pin 4 input signal and the reference voltage of the inside of the IC performs the synchronous
separation. When the input at pin 4 is less than or equal to the reference voltage (2.8 V) and the flowing current is
more than or equal to the input sensitivity current (200
µA or more), the signal is separated.
When only a synchronous signal is input into pin 4, the operatable amplitude and the duty are as shown in Figure 1.
If the IC does not operate normally with the video signal input, change the value of external resistance R to make
the current optimum.
But, when capacity value is too big, output response becomes bad.
2) COMP/H IN, VIN (pins 6 and 8)
The composite sync input is connected to pin 6. H and V of the separate sync input are connected to pins 6 and 8,
respectively. For each of pins 6 and 8, the bias is 2.5 V and the impedance is 10 k. The internal double threshold
converter is used for shaping waveform and for detecting polarity.
Average DC voltage of input signal is 2.5 V. Each threshold voltage is set at a voltage 0.3 V away from this voltage.
If the duty ratio at pin 6 is small as shown in Figure 2, the optimum value is approx. 0.3 VP-P. If the duty ratio is
large, the optimum value is approx. 0.6 VP-P. Figure 3 shows the allowable input amplitude and the reference value
of duty test.
Only 5 V TTL input, decrease the amplitude by resistor splitting.
In addition, Figure 4 shows an example for improving the capability of the allowable duty when the input amplitude
is 0.7 VP-P or more.
To use the IC out of the standard value, remove the filter from pins 7 and 9, observe the waveform and check for a
match with the waveform shown in Figure 5.
Input Amplitude (VP-P)
30
0
5
10
15
20
25
00.2
0.4
0.6
0.8
1.0
4
R = 56 k
Ω
R = 75 k
Ω
f = 100 kHz
3.3
µ
R
Figure 1
Small POSI Duty
Large NEG Duty
≈ 2.8 V
≈ 2.5 V
≈ 2.2 V
Figure 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com