Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M52347SP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M52347SP
Description  Sync Signal Processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52347SP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M52347SP Datasheet HTML 1Page - Renesas Technology Corp M52347SP Datasheet HTML 2Page - Renesas Technology Corp M52347SP Datasheet HTML 3Page - Renesas Technology Corp M52347SP Datasheet HTML 4Page - Renesas Technology Corp M52347SP Datasheet HTML 5Page - Renesas Technology Corp M52347SP Datasheet HTML 6Page - Renesas Technology Corp M52347SP Datasheet HTML 7Page - Renesas Technology Corp M52347SP Datasheet HTML 8Page - Renesas Technology Corp M52347SP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Rev.2.00 Sep 14, 2006 page 1 of 16
M52347SP/FP
Sync Signal Processor
REJ03F0190-0200
Rev.2.00
Sep 14, 2006
Description
The M52347 automatically selects three types of synchronous signals containing separate sync (positive and negative
polarities of 0.5 to 2.5 VP-P), composite sync (positive and negative polarities of 0.5 to 2.5 VP-P) and sync-on-video
(sync negative polarity), and performs waveform shaping. The IC is optimum to synchronous signal processing for
multi-scan type display monitor.
Features
• Low power consumption with supply voltage of 5 V
• Capable of obtaining output information on whether to input synchronous signal, and on polarity
• Output of clamp pulse
• Equipped with V TIME GATE SW that enables selecting whether or not VD portion pulse is output from pin 14/15.
• Equipped with CLAMP SW that enables switching the clamp pulse output position.
Application
Display monitor
Recommended Operating Condition
Supply voltage range:
VCC = 4.5 to 5.5 V
Rated supply voltage:
VCC = 5 V
Block Diagram
CLAMP
TIMING
CLAMP
SW
GREEN
IN
GND
COMP/H
IN
COMP/H
DET
V IN
V TIME GATE
SW
V DET
H.STATE V.STATE
V.POL.
H.POL.
CLAMP+
OUT
HD+
OUT
VD+
OUT
V S/S
OUT
V S/S
IN
HD−
OUT
VCC
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
CLAMP
GEN
EDGE
SW
V.TIME
GATE
V.SYNC
SEP
SYNC
SEP
H
SHAPE
H
DET
LOGIC
LOGIC
V
SHAPE
V
DET


Similar Part No. - M52347SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52347SP MITSUBISHI-M52347SP Datasheet
131Kb / 13P
SYNC SIGNAL PROCESSOR
More results

Similar Description - M52347SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52347SP MITSUBISHI-M52347SP Datasheet
131Kb / 13P
SYNC SIGNAL PROCESSOR
logo
NTE Electronics
NTE1664 NTE-NTE1664 Datasheet
26Kb / 3P
Integrated Circuit TV Hotizontal/Vertical Sync Signal Processor
logo
Intersil Corporation
CA3154 INTERSIL-CA3154 Datasheet
78Kb / 6P
TV Sync/AGC/Horizontal Signal Processor
May 1999
logo
Mitsubishi Electric Sem...
M52001SP MITSUBISHI-M52001SP Datasheet
852Kb / 16P
SYNC SIGNAL PROCESSOR
logo
Renesas Technology Corp
M52036SP RENESAS-M52036SP Datasheet
254Kb / 14P
SYNC SIGNAL PROCESSOR
Rev.1.0 Sep.22.2003
logo
NEC
UPC1884 NEC-UPC1884 Datasheet
194Kb / 3P
SYNC SIGNAL PROCESSOR FOR MULTI-SYNC DISPLAY
logo
List of Unclassifed Man...
WT9051 ETC1-WT9051 Datasheet
1Mb / 42P
SYNC SINGAL PROCESSOR TOR MILTI-SYNC DISPLAY
logo
Harris Corporation
CA3154 HARRIS-CA3154 Datasheet
83Kb / 6P
TV Sync/AGC/Horizontal Signal Processor
logo
NTE Electronics
NTE1550 NTE-NTE1550 Datasheet
60Kb / 2P
Integrated Circuit TV Sync Signal Processor
logo
Toshiba Semiconductor
TA8819FG TOSHIBA-TA8819FG Datasheet
1Mb / 30P
NTSC VIDEO CHROMA SIGNAL PROCESSOR SYNC PLAYBACK IC FOR LCD TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com