Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M52347SP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M52347SP
Description  Sync Signal Processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52347SP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M52347SP Datasheet HTML 9Page - Renesas Technology Corp M52347SP Datasheet HTML 10Page - Renesas Technology Corp M52347SP Datasheet HTML 11Page - Renesas Technology Corp M52347SP Datasheet HTML 12Page - Renesas Technology Corp M52347SP Datasheet HTML 13Page - Renesas Technology Corp M52347SP Datasheet HTML 14Page - Renesas Technology Corp M52347SP Datasheet HTML 15Page - Renesas Technology Corp M52347SP Datasheet HTML 16Page - Renesas Technology Corp M52347SP Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
M52347SP/FP
Rev.2.00 Sep 14, 2006 page 13 of 16
3. Sampling Pulse from VD Portion
V TIME GATE SW (Pin 10)
Whether to output the pulse of VD portion from pins 14 and 15 can be selected. When pin 10 is "H" or OPEN, pulse of
the VD portion is output. When pin 10 is "L", the pulse of the VD portion is not output.
VD portion
Output at pin 14 when pin 10 is "H" or OPEN
Output at pin 15 when pin 10 is "H" or OPEN
Output at pin 14 when pin 10 is "L"
Output at pin 15 when pin 10 is "L"
VD portion
4. Output Stage
1) Logic output (pins 1, 2, 18 and 19)
The output format is as shown in the diagram below.
When the internal load resistance of the IC is 20 k
Ω, a current of approx. 3 mA flows to the inside of the IC, no
problem will occur.
20 k
2) Pulse output (pins 12, 13, 14, 15 and 17)
The output format is as shown in the diagram below.
When the internal load resistance of the IC is 1 k
Ω, a current of approx. 6 mA flows to the inside of the IC, no
problem will occur.
To improve the rising speed, connect a resistance between power supplies. Note that the low level of the output
pulse goes up.
1 k
1 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com