Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M52347SP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M52347SP
Description  Sync Signal Processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52347SP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M52347SP Datasheet HTML 3Page - Renesas Technology Corp M52347SP Datasheet HTML 4Page - Renesas Technology Corp M52347SP Datasheet HTML 5Page - Renesas Technology Corp M52347SP Datasheet HTML 6Page - Renesas Technology Corp M52347SP Datasheet HTML 7Page - Renesas Technology Corp M52347SP Datasheet HTML 8Page - Renesas Technology Corp M52347SP Datasheet HTML 9Page - Renesas Technology Corp M52347SP Datasheet HTML 10Page - Renesas Technology Corp M52347SP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
M52347SP/FP
Rev.2.00 Sep 14, 2006 page 7 of 16
Pin Description
Pin No.
Name
DC Voltage
(V)
Peripheral Circuit
Function
1
H.STATE
0 VDC or
5 VDC
20 k
Ω
1
Logic output pin for horizontal
synchronous signal
When pin 6 input signal is POSI,
outputs "H"; when NON, outputs "L";
and when NEG, outputs "H".
2
V.STATE
0 VDC or
5 VDC
Same as pin 1
Logic output pin for vertical
synchronous signal
When pin 8 input signal is POSI,
outputs "H"; when NON, outputs "L";
and when NEG, outputs "H".
3
CLAMP
SW
2.2 V when
open
3
22 k
Ω
20 k
Ω
20 k
Ω
1.3 V
3.1 V
0.1 mA
28 k
Ω
This SW is available to change the
generating position of clamp pulse for
input signal. (See Table 2.)
VTH L = 0 to 1 V
VTH M = 1.6 to 2.8 V
VTH H = 3.4 to 5 V
4
GREEN
IN
2.8 V
when open
4
1 k
Ω
1 k
Ω
3.5 V
GREEN (SYNC ON VIDEO) input pin
Input with negative sync.
Comparison of pin 4 input signal and
reference voltage within the IC
performs synchronous separation.
5
GND
Grounding
6
COMP/H
IN
2.5 V
when open
6
0.3 mA
0.3 mA
20 k
Ω
20 k
Ω
10 k
Ω
2.8 V
10 k
Ω
2.5 V
10 k
Ω
2.2 V
1.5 k
Ω
1.5 k
Ω
Composite sync/H sync input pin.
Bias is approx. 2.5 V and impedance
is 10 k
Ω.
The internal double threshold
comparator is used for shaping
waveform and detecting polarity.
Optimum input amplitude is 0.6 VP-P
at pin 6. Up to approx. 50% of duty,
waveform shaping and polarity
detection can be done.
7
COMP/H
DET
2.5 V
when open
(no signal)
7
20 k
Ω
20 k
Ω
2.5 V
2.8 V
2.2 V
75 k
Ω
12 k
Ω
12 k
Ω
External capacitance is required as a
filter pin for detecting polarity and
detecting non-input. As the value is
larger, the ripple is smaller and less
malfunction occurs. However, this
lowers the response speed of
detection.
8
V IN
2.5 V
when open
Same as pin 6
V sync input pin
Same as pin 6
9
V DET
2.5 V
when open
(no signal)
Same as pin 7
Same as pin 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com