Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M52347SP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M52347SP
Description  Sync Signal Processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52347SP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M52347SP Datasheet HTML 1Page - Renesas Technology Corp M52347SP Datasheet HTML 2Page - Renesas Technology Corp M52347SP Datasheet HTML 3Page - Renesas Technology Corp M52347SP Datasheet HTML 4Page - Renesas Technology Corp M52347SP Datasheet HTML 5Page - Renesas Technology Corp M52347SP Datasheet HTML 6Page - Renesas Technology Corp M52347SP Datasheet HTML 7Page - Renesas Technology Corp M52347SP Datasheet HTML 8Page - Renesas Technology Corp M52347SP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
M52347SP/FP
Rev.2.00 Sep 14, 2006 page 3 of 16
Absolute Maximum Ratings
(Ta = 25
°C, unless otherwise noted)
Item
Symbol
Ratings
Unit
Supply voltage
VCC
6.0
V
Power dissipation
Pd
1237.6 (SP), 827.8 (FP)
mW
Electrostatic discharge
Surge
±200
V
Operating temperature
Topr
−20 to +85
°C
Storage temperature
Tstg
−40 to +150
°C
Electrical Characteristics
(Ta = 25°C, VCC = 12 V, unless otherwise noted)
Relay Condition
46
8 16
22
2
2
21
1
1
21
1
1
21
1
1
21
1
1
21
1
1
21
1
1
21
1
1
21
1
1
11
2
1
11
2
1
3
5 V
0 V
2.5 V
5 V
0 V
2.5 V
5 V
0 V
2.5 V
5 V
0 V
2.5 V
5 V
0 V
2.5 V
5 V
0 V
2.5 V
5 V
0 V
2.5 V
5 V
0 V
2.5 V
5 V
0 V
2.5 V
5 V
0 V
2.5 V
5 V
10
5 V
5 V
5 V
5 V
5 V
5 V
5 V
5 V
5 V
5 V
5 V
16
6
1
1
2
2
18
18
19
19
14
14
8
6
8
6
8
6
8
6
8
6
8
6
8
6
8
4
6
4
6
A
DC
DC
*1, *2
*1
*1
*1
*1
*1
*1
*1, *2
DC
DC
DC
DC
DC
DC
TP
Condition
In
put
Pin
Output
pin
Output waveform
Note
Symbol
Circuit current
1 OH
1 OL
2 OH
2 OL
18 OH
18 OL
19 OH
19 OL
14 OH
14 OL
ICC
Pin 1 output
Hi level
Pin 1 output
Low level
Pin 2 output
Hi level
Pin 2 output
Low level
Pin 18 output
Hi level
Pin 18 output
Low level
Pin 19 output
Hi level
Pin 19 output
Low level
Pin 14 output
Hi level
Pin 14 output
Low level
Item
40
53
66
mA
V
V
V
V
V
V
V
V
V
V
4.0
5.0
5.0
00.04 0.5
4.0
5.0
5.0
00.04 0.5
4.0
5.0
5.0
00.04 0.5
4.0
5.0
5.0
00.04 0.5
4.0
5.0
5.0
0
0.25 0.5
Limits
Unit
Min. Typ. Max.
Input Condition
1
µs
50 kHz
1 V
P-P
50 kHz
1 V
P-P
1
µs
1
µs
50 kHz
0.2 V
P-P
50 kHz
1.0 V
P-P
1
µs
1
µs
50 kHz
1 V
P-P
50 kHz
1 V
P-P
1
µs
1
µs
50 kHz
1 V
P-P
50 kHz
1 V
P-P
1
µs
1
µs
50 kHz
1 V
P-P
50 kHz
1 V
P-P
1
µs
1
µs
50 kHz
1 V
P-P
50 kHz
1 V
P-P
1
µs
1
µs
50 kHz
1 V
P-P
50 kHz
1 V
P-P
1
µs
1
µs
50 kHz
0.6 V
P-P
50 kHz
2 V
P-P
1
µs
1
µs
50 kHz
0.6 V
P-P
50 kHz
2 V
P-P
1
µs
1
µs
50 kHz
1.0 V
P-P
50 kHz
0.2 V
P-P
1
µs
V Meas
V Meas

Notes: 1. The true value table depends on Table 1
2. 0.2 VP-P of input signal is equivalent to NON SYNC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com