Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M52347SP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # M52347SP
Description  Sync Signal Processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52347SP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M52347SP Datasheet HTML 5Page - Renesas Technology Corp M52347SP Datasheet HTML 6Page - Renesas Technology Corp M52347SP Datasheet HTML 7Page - Renesas Technology Corp M52347SP Datasheet HTML 8Page - Renesas Technology Corp M52347SP Datasheet HTML 9Page - Renesas Technology Corp M52347SP Datasheet HTML 10Page - Renesas Technology Corp M52347SP Datasheet HTML 11Page - Renesas Technology Corp M52347SP Datasheet HTML 12Page - Renesas Technology Corp M52347SP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
M52347SP/FP
Rev.2.00 Sep 14, 2006 page 9 of 16
Table 1
Decorder Logic Output
Output Pin
Pin 6 Input
COMP/H
Pin 8 Input
V
1
2
18
19
POSI.
NON
POSI.
NEG.
H
H
H
L
H
H
L
L
L
L
L
H
NEG.
NON
POSI.
NEG.
H
H
H
L
H
H
H
H
H
L
L
H
NON.
NON
POSI.
NEG.
L
L
L
L
H
H
L
L
L
L
L
H
Table 2
Clamp Pulse Position
Input Signal
Pin 17 Output Signal
Pin 4
Pin 6
Pin 3 "H"
Pin 3 "M"
Pin 3 "L"
Ο
Ο
Χ
Χ
Ο
Ο
4 trailing edge
6 leading edge
6 leading edge
4 trailing edge
4 trailing edge
Χ
4 trailing edge
6 trailing edge
6 trailing edge
Table 3
Output Priority Order
Output Signal
Input Signal
Pin 3 "H" "L"
Pin 3 "M"
Pin 4
Pin 6
Pin 8
Pins 12, 14, 15, 17
Pin 13
Pins 12, 14, 15, 17
Pin 13
Ο
Ο
Ο
Ο
Χ
Χ
Χ
Χ
Χ
Ο
Χ
Ο
Χ
Ο
Χ
Ο
Χ
Χ
Ο
Ο
Χ
Χ
Ο
Ο
4
6
4
6
Χ
6
Χ
6
11
11
8
8
Χ
11
8
8
4
4
4
4
Χ
Χ
Χ
Χ
11
11
8
8
Χ
Χ
8
8
Table 4
Allowable Input Amplitude Voltage
Pin 4 input amplitude
VV 0 to 2.1 (VP-P)
fH = 10 Hz to 200 kHz
fV = 10 Hz to 200 Hz
VS 0.2 to 0.6 (VP-P)
Pin 6 input amplitude
fH = 10 Hz to 200 kHz
VS 0.5 to 2.5 (VP-P)
Pin 8 input amplitude
fV = 10 Hz to 200 Hz
VS 0.5 to 2.5 (VP-P)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com