Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M52347SP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M52347SP
Description  Sync Signal Processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52347SP Datasheet(HTML) 5 Page - Renesas Technology Corp

  M52347SP Datasheet HTML 1Page - Renesas Technology Corp M52347SP Datasheet HTML 2Page - Renesas Technology Corp M52347SP Datasheet HTML 3Page - Renesas Technology Corp M52347SP Datasheet HTML 4Page - Renesas Technology Corp M52347SP Datasheet HTML 5Page - Renesas Technology Corp M52347SP Datasheet HTML 6Page - Renesas Technology Corp M52347SP Datasheet HTML 7Page - Renesas Technology Corp M52347SP Datasheet HTML 8Page - Renesas Technology Corp M52347SP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
M52347SP/FP
Rev.2.00 Sep 14, 2006 page 5 of 16
Electrical Characteristics (cont.)
1
1
1
1
1
1
1
1
1
1
1
1
2
2
2
2
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
2
2
1
1
250
3.0
1.3
120
80
140
120
70
120
100
150
90
130
90
400
100
70
3.5
1.8
350
350
350
350
350
350
350
350
350
350
350
550
350
350
4.0
2.3
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
V
V
2
2
2
2
2
2
2
2
2
2
2
2
1
1
2
2
14
14
14
14
15
15
15
15
17
17
17
17
13
13
5 V
5 V
5 V
5 V
5 V
5 V
5 V
5 V
5 V
5 V
5 V
5 V
5 V
5 V
0 V
0 V
Relay Condition
46
8 16
3
10
*8
*9
TP
Condition
In
put
Pin
Output
pin
Output waveform
Note
Symbol
HD+-DA
HD+-DB
HD+-DC
HD+-DD
HD−-DA
HD−-DB
HD−-DC
HD−-DD
CP+-DA
CP+-DB
CP+-DC
CP+-PW
VD+-DA
VD+-DB
V11H
V11L
HD+-delay time
(A)
HD+-delay time
(B)
HD+-delay time
(C)
HD+-delay time
(D)
CP+-delay time
(A)
CP+-delay time
(B)
VD+-delay time
(A)
VD+-delay time
(B)
V Sync-Sep
threshold voltage
H
V Sync-Sep
threshold voltage
L
CP+-delay time
(C)
CP+-PULSE-
WIDTH
HD−-delay time
(A)
HD−-delay time
(B)
HD−-delay time
(C)
HD−-delay time
(D)
Item
Limits
Unit
Min. Typ. Max.
Input Condition
2.5 V
2.5 V
2.5 V
2.5 V
2.5 V
0 V
2.5 V
5 V
0 V
2.5 V
5 V
0 V
2.5 V
5 V
0 V
5 V
0 V
5 V
0 V
5 V
0 V
5 V
0 V
5 V
0 V
5 V
0 V
5 V
4
6
1
µs
50 kHz
0.6 V
P-P
50 kHz
2 V
P-P
1
µs
4
6
1
µs
50 kHz
0.6 V
P-P
50 kHz
2 V
P-P
1
µs
4
6
1
µs
50 kHz
0.6 V
P-P
50 kHz
2 V
P-P
1
µs
4
6
1
µs
50 kHz
0.6 V
P-P
50 kHz
2 V
P-P
1
µs
4
6
1
µs
50 kHz
0.6 V
P-P
50 kHz
2 V
P-P
1
µs
4
6
1
µs
50 kHz
0.6 V
P-P
50 kHz
2 V
P-P
1
µs
4
6
1
µs
50 kHz
0.6 V
P-P
50 kHz
2 V
P-P
1
µs
4
6
1
µs
50 kHz
0.6 V
P-P
50 kHz
2 V
P-P
1
µs
4
6
1
µs
50 kHz
0.6 V
P-P
50 kHz
2 V
P-P
1
µs
4
6
1
µs
50 kHz
0.6 V
P-P
50 kHz
2 V
P-P
1
µs
4
6
1
µs
50 kHz
0.6 V
P-P
50 kHz
2 V
P-P
1
µs
4
6
6
11
6
11
1
µs
50 kHz
0.6 V
P-P
50 kHz
2 V
P-P
1
µs
1
µs
50 kHz
2 V
P-P
DC voltage must be
applied.
1
µs
50 kHz
2 V
P-P
DC voltage must be
applied.
8
1
µs
50 kHz
2 V
P-P
8
1
µs
50 kHz
2 V
P-P
15
14
15
14
Time
Meas
Input 6 (50%)
Output 14 (50%)
Input 6 (50%)
Output 14 (50%)
Time
Meas
Time
Meas
Input 8 (50%)
Output 13 (50%)
Input 8 (50%)
Output 13 (50%)
Time
Meas
Time
Meas
Input 6 (50%)
Output 17 (50%)
Time
Meas
Input 6 (50%)
Output 17 (50%)
Time
Meas
Input 4 (50%)
Output 17 (50%)
Output 17 (50%)
Time
Meas
Time
Meas
Input 4 (50%)
Output 14 (50%)
Input 4 (50%)
Output 14 (50%)
Time
Meas
Time
Meas
Input 6 (50%)
Output 15 (50%)
Input 6 (50%)
Output 15 (50%)
Time
Meas
Time
Meas
Input 4 (50%)
Output 15 (50%)
Input 4 (50%)
Output 15 (50%)
Time
Meas
Notes: 8. Checking output pulse for output with a voltage of 0 VDC applied, increase the DC voltage and then measure
the voltage when the output pulse is not output.
9. Checking output pulse for output with a voltage of 5 VDC applied, decrease the DC voltage and then
measure the voltage when the output pulse is output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com