Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M52347SP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M52347SP
Description  Sync Signal Processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52347SP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M52347SP Datasheet HTML 4Page - Renesas Technology Corp M52347SP Datasheet HTML 5Page - Renesas Technology Corp M52347SP Datasheet HTML 6Page - Renesas Technology Corp M52347SP Datasheet HTML 7Page - Renesas Technology Corp M52347SP Datasheet HTML 8Page - Renesas Technology Corp M52347SP Datasheet HTML 9Page - Renesas Technology Corp M52347SP Datasheet HTML 10Page - Renesas Technology Corp M52347SP Datasheet HTML 11Page - Renesas Technology Corp M52347SP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
M52347SP/FP
Rev.2.00 Sep 14, 2006 page 8 of 16
Pin Description (cont.)
Pin
No.
Name
DC Voltage
(V)
Peripheral Circuit
Function
10
V.TIME
GATE SW
3.2 V
when open
10
0.1 mA
20 k
Ω
2.5 V
30 k
Ω
V TIME GATE SW pin
Can select whether to output the pulse
of VD portion from pin 14, 15 output
pulse.
The threshold voltage is approx. 2.5 V.
VTH L = 0 to 2 V
VTH H = 3 to 5 V
11
V S/S IN
11
0.2 mA
0.1 mA
0.2 mA
4 k
Ω
1 k
Ω
1 k
Ω
7.5 k
Ω
20 k
Ω
5.5 k
Ω
1.75 k
Ω
V S/S IN pin
Inputs a signal of having externally
integrated composite sync for V sync
separation.
12
V S/S OUT
1 k
Ω
12
V S/S pulse output pin
No problem occurs when current of
approx. 6 mA flows to internal part of
the IC. To improve the rising speed,
connect a resistance between power
supplies.
13
VD
+OUT
Same as pin 12
VD
+ pulse output pin
Same as pin 12
14
HD
+OUT
Same as pin 12
HD
+ pulse output pin
Same as pin 12
15
HD−OUT
Same as pin 12
HD− pulse output pin
Same as pin 12
16
VCC
5 V
Power supply
17
CLAMP
+
OUT
Same as pin 12
CLAMP
+ pulse output pin
Same as pin 12
18
H.POL.
0 VDC or
5 VDC
Same as pin 1
Logic output pin for horizontal
synchronous signal
When pin 6 input signal is POSI,
outputs "L"; when NON, outputs "L";
and when NEG, outputs "H".
19
V.POL.
0 VDC or
5 VDC
Same as pin 1
Logic output pin for vertical
synchronous signal
When pin 8 input signal is POSI,
outputs "L"; when NON, outputs "L";
and when NEG, outputs "H".
20
CLAMP
TIMING
3.0 V
1.9 V
20
0.4 mA
0.2 mA
1.9 V
3 V
4 k
Ω
4 k
Ω
CLAMP TIMING pin
The clamp pulse width is determined
depending on the external resistance
and capacitance. As the resistance
value and capacitance value are
larger, the clamp pulse width is wider.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com