Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5121E Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # MPC5121E
Description  Advance Information
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5121E Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button MPC5121E Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 86 page
background image
Electrical and Thermal Characteristics
MPC5121E/MPC5123 Data Sheet, Rev. 1
Freescale Semiconductor
35
For Measurement and Test Conditions, see the PCI Local Bus Specification.
3.3.7
LPC
The Local Plus Bus is the external bus interface of the MPC5121e/MPC5123. A maximum of eight configurable chip selects
(CS) are provided. There are two main modes of operation: non-MUXed and MUXED. The reference clock is the LPC CLK.
The maximum bus frequency is 83 MHz.
Definition of Acronyms and Terms:
WS = Wait State
DC = Dead Cycle
HC = Hold Cycle
DS = Data Size in Bytes
BBT = Burst Bytes per Transfer
AL = Address latch enable Length
ALT = Chip select/Address Latch Timing
tLPCck = LPC clock period
Table 22. PCI Timing Parameters1
1 See the timing measurement conditions in the PCI Local Bus Specification. It is important that all driven
signal transitions drive to their Voh or Vol level within one Tcyc.
Sym
Description
66 MHz
33 MHz
Units
SpecID
Min2
2 Minimum times are measured at the package pin with the load circuit, and maximum times are measured
with the load circuit as shown in the PCI Local Bus Specification.
Max
Min
Max
tval
CLK to Signal Valid Delay –
bused signals1,2,3
262
11
ns
A6.5
tval(ptp) CLK to Signal Valid Delay – point
to point1,2,3
262
12
ns
A6.6
ton
Float to Active Delay1
2—2—
ns
A6.7
toff
Active to Float Delay1
14
28
ns
A6.8
tsu
Input Setup Time to CLK – bused
signals3,4
3—7—
ns
A6.9
tsu(ptp) Input Setup Time to CLK – point
to point3,4
3 REQ# and GNT# are point-to-point signals and have different input setup times than do bused signals. GNT#
and REQ# have a setup of 5 ns at 66 MHz. All other signals are bused.
5
—
10,12
—
ns
A6.10
th
Input Hold Time from CLK4
4 See the timing measurement conditions in the PCI Local Bus Specification.
0—0—
ns
A6.11
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com