Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5121E Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc

Part # MPC5121E
Description  Advance Information
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5121E Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button MPC5121E Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 86Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 82 / 86 page
background image
MPC5121E/MPC5123 Data Sheet, Rev. 1
Package Information
Freescale Semiconductor
82
5.1
Package Parameters
5.2
Mechanical Dimensions
Table 53. TEPBGA Paramaters
Package outline
27 mm
× 27 mm
Interconnects
516
Pitch
1.00 mm
Module height (typical)
2.25 mm
Solder Balls
96.5 Sn/3.5Ag (VY package)
Ball diameter (typical)
0.6 mm
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com