Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5121E Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc

Part # MPC5121E
Description  Advance Information
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5121E Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button MPC5121E Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 86 page
background image
MPC5121E/MPC5123 Data Sheet, Rev. 1
Electrical and Thermal Characteristics
Freescale Semiconductor
72
Figure 51. Timing Diagram – SPI Slave Mode, Format 1 (CPHA = 1)
3.3.21
GPIOs and Timers
The MPC5121e/MPC5123 contains several sets of I/Os that do not require special setup, hold, or valid requirements. The
external events (GPIO or timer inputs) are asynchronous to the system clock. The inputs must be valid for at least tIOWID to
ensure proper capture by the internal IP clock.
3.3.22
Fusebox
Table 49 gives the Fusebox specification.
Table 48. GPIO/Timers Input AC Timing Specifications
Symbol
Description
Min
Unit
SpecID
tIOWID
GPIO/Timers inputs - minimum pulse witdh
2T1
1 T is the IP bus clock cycle. T= 12 ns is the minimum value (for the maximum IP bus freqency of 83 MHz).
ns
A21.1
Table 49. Fusebox Characteristics
Sym
Description
Min
Max
Units
SpecID
tFUSEWR Program time
1 for Fuse
1 The program length is defined by the value defined in the EPM_PGM_LENGTH bits of the IIM module.
125
—
us
A22.1
IFUSEWR Program current to program one fuse bit
—
10
mA
A22.2
SCK
(CLKPOL=0)
SCK
(CLKPOL=1)
MOSI
Input
Input
Input
SS
Input
MISO
Output
1
22
7
8
3
4
6
5
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com