Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5121E Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MPC5121E
Description  Advance Information
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5121E Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MPC5121E Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 86 page
background image
MPC5121E/MPC5123 Data Sheet, Rev. 1
Pin Assignments
Freescale Semiconductor
14
VDD_IO
B10, B15, B25, D10,
D15, F11, F13, F14,
F19, F23, F25, H21,
J5, K2, K4, L23, L25,
N6, N21, P6, P21, R2,
R4, T23, T25, W6,
W21, Y2, Y4, AA23,
AA25, AE1, AE2,
AE24, AE25, AF2,
AF25
Power
—
—
VDD_MEM_IO
AA8, AA13, AA14,
AB18, AC5, AC10,
AC14, AC20, AD9,
AE5, AE10, AE15,
AE20
Power
—
—
VSS
A2, A3, A25, B1,B2,
B3, B5, B7, B12, B17,
B20, B22, B26, C1,
C4, C23, C25, D2,
D12, D17, D24, D25,
E18, F2, F3, F4, F5,
F6, F8, F10, F16, F17,
F21, G5, H6, H23,
H25, K6, K21, L6, L11,
L12, L13, L14, L15,
L16, L21, M2, M4,
M11, M12, M13, M14,
M15, M16, N5, N11,
N12, N13, N14, N15,
N16,
Ground
—
—
VSS
N23, N25, P11, P12,
P13, P14, P15, P16,
R11, R12, R13, R14,
R15, R16, T6, T11,
T12, T13, T14, T15,
T16, T21, U2, U4, U6,
U21, V23, V25, Y24,
AA6, AA10, AA11,
AA16, AA17, AA21,
AB2, AB4, AB10,
AB24, AC8, AC12,
AC17, AC22, AD3,
AD25, AE7, AE12,
AE17, AE23, AE26
Ground
—
—
SYS_PLL_AVDD
T22
Analog Power
—
—
SYS_PLL_AVSS
U22
Analog Ground
—
—
CORE_PLL_AVDD
AA19
Analog Power
—
—
CORE_PLL_AVSS
AD23
Analog Ground
—
—
VBAT_RTC
D19
Power
—
—
Table 3. MPC5121e/MPC5123 TE-PBGA Pinout Listing (Sheet 11 of 12)
Signal
Package Pin Number
Pad Type
Power Supply
Notes
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com