Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5121E Datasheet(PDF) 80 Page - Freescale Semiconductor, Inc

Part # MPC5121E
Description  Advance Information
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5121E Datasheet(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button MPC5121E Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 84Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 86 page
background image
MPC5121E/MPC5123 Data Sheet, Rev. 1
System Design Information
Freescale Semiconductor
80
Figure 61. COP Connector Diagram
4.5.2.2
Boards Without COP Connector
If the JTAG interface is not used, TRST should be tied to PORESET, so that it is asserted when the system reset signal
(PORESET) is asserted. This ensures that the JTAG scan chain is initialized during power on. Figure 62 shows the connection
of the JTAG interface without COP connector.
1
3
5
7
9
11
13
15
2
4
6
8
10
12
K
16
14
HRESET
SRESET
VDD_IO
VDD_IO
TRST
VDD_IO
TMS
VDD_IO
TCK
VDD_IO
TDI
CKSTP_OUT
TDO
3
11
16
4
9
12
7
62
15
1
10
5(3)
2(4)
13
NC
NC
NC
TDO
HRESET
SRESET
TRST
TMS
TCK
TDI
CKSTP_OUT
VDD_IO
10Kohm
10Kohm
10Kohm
10Kohm
10Kohm
COP Header
COP Connector
Physical Pinout
halted
qack
VDD_IO
10Kohm
PORESET
PORESET
VDD_IO
10Kohm
CKSTP_IN (LPC_CLK)
8
CKSTP_IN
VDD_IO
10Kohm
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com