Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5121E Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

Part # MPC5121E
Description  Advance Information
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5121E Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button MPC5121E Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 86 page
background image
MPC5121E/MPC5123 Data Sheet, Rev. 1
Electrical and Thermal Characteristics
Freescale Semiconductor
60
Figure 39. SDHC Timing Diagram
Table 36 lists the timing parameters.
.
Table 36. MMC/SD Interface Timing Parameters
ID
Parameter
Symbols
Min
Max
Unit
SpecID
Card Input Clock
SD1
Clock Frequency (Low Speed)
fPP
1
1 In low speed mode, card clock must be lower than 400 kHz, voltage ranges from 2.7 to 3.6 V.
0
400
kHz
A14.1
Clock Frequency (SD/SDIO Full
Speed/High Speed)
fPP
2
2 In normal data transfer mode for SD/SDIO card, clock frequency can be any value between 0 ~ 25 MHz.
0
25/50
MHz
A14.2
Clock Frequency (MMC Full Speed/High
Speed)
fPP
3
3 In normal data transfer mode for MMC card, clock frequency can be any value between 0 ~ 20 MHz.
0
20/52
MHz
A14.3
Clock Frequency (Identification Mode)
fOD
4
4 In card identification mode, card clock must be 100 kHz ~ 400 kHz, voltage ranges from 2.7 to 3.6 V.
100
400
kHz
A14.4
SD2
Clock Low Time (Full Speed/High Speed)
tWL
10/7
ns
A14.5
SD3
Clock High Time (Full Speed/High Speed)
tWH
10/7
ns
A14.6
SD4
Clock Rise Time (Full Speed/High Speed)
tTLH
10/3
ns
A14.7
SD5
Clock Fall Time (Full Speed/High Speed)
tTHL
10/3
ns
A14.8
SDHC Output / Card Inputs CMD, DAT (Reference to CLK)
SD6
SDHC Output for Card Input Setup
tOSU
15
ns
A14.9
SD7
SDHC Output for Card Input Hold
tOH
15
ns
A14.10
SDHC Input / Card Outputs CMD, DAT (Reference to CLK)
SD8
SDHC Input Setup Time
tISU
8ns
A14.11
SD1
SD3
SD5
SD7
SD4
SD8
MMCx_CMD
Output from SDHC to card
MMCx_DAT_1
MMCx_DAT_2
MMCx_DAT_3
MMCx_DAT_0
MMCx_CMD
Input from card to SDHC
MMCx_DAT_1
MMCx_DAT_2
MMCx_DAT_3
MMCx_DAT_0
MMCx_CLK
SD2
SD6
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com