Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5121E Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc

Part # MPC5121E
Description  Advance Information
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5121E Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button MPC5121E Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 86 page
background image
MPC5121E/MPC5123 Data Sheet, Rev. 1
Electrical and Thermal Characteristics
Freescale Semiconductor
68
Figure 47. Timing Diagram – AC97 Mode
3.3.20.3
SPI Mode
NOTE
Output timing is specified at a nominal 50 pF load.
Table 44. Timing Specifications – SPI Master Mode, Format 0 (CPHA = 0)
Sym
Description
Min
Max
Units
SpecID
1
SCK cycle time, programable in the PSC CCS register
30.0
—
ns
A20.26
2
SCK pulse width, 50% SCK duty cycle
15.0
—
ns
A20.27
3
Slave select clock delay, programable in the PSC CCS register
30.0
—
ns
A20.28
4
Output Data valid after Slave Select (SS)
—
8.9
ns
A20.29
5
Output Data valid after SCK
—
8.9
ns
A20.30
6
Input Data setup time
6.0
—
ns
A20.31
7
Input Data hold time
1.0
—
ns
A20.32
8
Slave disable lag time
—
TSCK
ns
A20.33
9
Sequential Transfer delay, programable in the PSC CTUR / CTLR
register
15.0
—
ns
A20.34
10
Clock falling time
—
7.9
ns
A20.35
11
Clock rising time
—
7.9
ns
A20.36
BitClk
(CLKPOL=0)
FrameSync
(SyncPol = 1)
Sdata_out
Output
Input
6
Output
Sdata_in
Input
1
4
3
5
2
7
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com