Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5121E Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # MPC5121E
Description  Advance Information
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5121E Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button MPC5121E Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 86 page
background image
Electrical and Thermal Characteristics
MPC5121E/MPC5123 Data Sheet, Rev. 1
Freescale Semiconductor
65
NOTE
Output timing is specified at a nominal 50 pF load.
Figure 44. Timing Diagram – I2C Input/Output
3.3.19
J1850
See the MPC5121e/MPC5123 Reference Manual.
3.3.20
PSC
The Programmable Serial Controllers (PSC) support different modes of operation (Codec, AC97, SPI).
3.3.20.1
Codec Mode (8,16,24 and 32-bit)/I2S Mode
NOTE
Output timing is specified at a nominal 50 pF load.
3 Inter Peripheral Clock is defined in the MPC5121e/MPC5123 Reference Manual
Table 41. Timing Specifications – 8,16, 24, and 32-bit CODEC/I2S Master Mode
Sym
Description
Min
Typ
Max
Units
SpecID
1
Bit Clock cycle time, programmed in CCS register
40.0
—
—
ns
A20.1
2
Clock duty cycle
45
50
55
%1
1 Bit Clock cycle time
A20.2
3
Bit Clock fall time
—
—
7.9
ns
A20.3
4
Bit Clock rise time
—
—
7.9
ns
A20.4
5
FrameSync valid after clock edge
—
—
8.4
ns
A20.5
6
FrameSync invalid after clock edge
—
—
8.4
ns
A20.6
7
Output Data valid after clock edge
—
—
9.3
ns
A20.7
8
Input Data setup time
6.0
—
—
ns
A20.8
1
2
3
4
5
6
7
8
9
SCL
SDA
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com