Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5121E Datasheet(PDF) 76 Page - Freescale Semiconductor, Inc

Part # MPC5121E
Description  Advance Information
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5121E Datasheet(HTML) 76 Page - Freescale Semiconductor, Inc

Back Button MPC5121E Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 80Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 86 page
background image
MPC5121E/MPC5123 Data Sheet, Rev. 1
System Design Information
Freescale Semiconductor
76
The filter for System/Core PLLVDD to VSS should be connected to the power and ground planes, respectively, not fingers of
the planes.
In addition to keeping the filter components for System/Core PLLVDD as close as practical to the body of the MPC5121e as
previously mentioned, special care should be taken to avoid coupling switching power supply noise or digital switching noise
onto the portion of that supply between the filter and the MPC5121e.
The capacitors for C2 in the figure below should be rated X5R or better due to temperature performance.
Figure 57. Power Supply Filtering
4.3
Connection Recommendations
To ensure reliable operation, connect unused inputs to an appropriate signal level. Unused active low inputs should be tied to
VDD_IO. Unused active high inputs should be connected to VSS. All NC (no-connect) signals must remain unconnected.
Power and ground connections must be made to all external VDD and VSS pins of the MPC5121e/MPC5123.
The unused AVDD_FUSEWR power should be connecetd to VSS directly or via a resistor.
For DDR or LPDDR modes the unused pins VTT[3:0] for DDR2 Termination voltage can be unconnected.
The SATA PHY needs to be powered even if it is not used in an application. In this case, you should not enable the SATA
oscillator and the SATA PHY by software.
Figure 58. Recommended Connection for Pins of Unused SATA PHY
AVDD device pin
Power supply
source
R1=10
Ω
C1=1
μF
C2=0.1
μF
SATA_XTALO
SATA_XTALI
VSS
NC
SATA_RESREF
SATA_ANAVIZ
NC
NC
SATA_TXN
SATA_TXP
NC
NC
SATA_RXN
SATA_RXP
NC
NC
SATA_VDDA_1P2
SATA_VDDA_3P3
VDD_CORE
SATA_PLL_VDDA1P2
SATA_VDDA_VREG
1.7-2.6V
SATA_RX_VSSA
SATA_PLL_VSSA
VSS
VSS
SATA_TX_VSSA
VSS
VDD_CORE
VDD_IO
MPC5121e/MPC5123
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com