Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5121E Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC5121E
Description  Advance Information
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5121E Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC5121E Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 86 page
background image
Freescale Semiconductor
Data Sheet: Advance Information
Document Number: MPC5121E
Rev. 1, 10/2008
© Freescale Semiconductor, Inc., 2008. All rights reserved.
This document contains information on a product under development. Freescale reserves the
right to change or discontinue this product without notice.
MPC5121E/MPC5123
TEPBGA
27 mm x 27 mm
The MPC5121e/MPC5123 integrates a high performance
e300 CPU core based on the Power Architecture Technology
with a rich set of peripheral functions focused on
communications and systems integration.
Major features of the MPC5121e/MPC5123 are:
• e300 Power Architecture processor core (enhanced version
of the MPC603e core), operates up to 400 MHz
• Power modes include doze, nap, sleep, deep sleep, and
hibernate
• AXE – fully programmable, 200 MHz 32-bit RISC core for
real-time acceleration tasks, such as audio.
• MBX Lite – 2D/3D graphics engine with PowerVR vector
processing (only in MPC5121e, not in MPC5123)
• DIU – Display interface unit
• DDR1, DDR2, and low-power mobile DDR (LPDDR)
SDRAM memory controller
• USB 2.0 OTG controller with integrated physical layer
(PHY)
• DMA subsystem
• EMB – Flexible multi-function external memory bus
interface
• NFC – NAND flash controller
• 10/100Base Ethernet
• PCI interface, version 2.3
• PATA – Parallel ATA integrated development environment
(IDE) controller
• SATA – Serial ATA controller with integrated physical
layer (PHY)
• SDHC – MMC/SD/SDIO card host controller
• PSC – Programmable serial controller
• S/PDIF – Serial audio interface
• CAN – Controller area network
• BDLC – J1850 interface
• VIU – Video Input, ITU-656 complient
Figure 1 shows a simplified MPC5121e/MPC5123 block
diagram.
MPC5121E/MPC5123
Data Sheet
Preliminary


Similar Part No. - MPC5121E

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5121E FREESCALE-MPC5121E Datasheet
691Kb / 86P
e300 Power Architecture processor core
logo
NXP Semiconductors
MPC5121E NXP-MPC5121E Datasheet
1Mb / 86P
MPC5121e (Early) Data Sheet
Rev. 1, 03/2008
MPC5121EE NXP-MPC5121EE Datasheet
1Mb / 86P
MPC5121e (Early) Data Sheet
Rev. 1, 03/2008
logo
Freescale Semiconductor...
MPC5121E FREESCALE-MPC5121E_10 Datasheet
691Kb / 86P
e300 Power Architecture processor core
More results

Similar Description - MPC5121E

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB82C215 SIEMENS-SAB82C215 Datasheet
367Kb / 20P
ADVANCE INFORMATION
logo
Zarlink Semiconductor I...
SP8602 ZARLINK-SP8602 Datasheet
320Kb / 7P
ADVANCE INFORMATION
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
Advance Information
MC68HC08AZ60 MOTOROLA-MC68HC08AZ60 Datasheet
3Mb / 452P
Advance Information
68HC912DG128 MOTOROLA-68HC912DG128 Datasheet
3Mb / 424P
Advance Information
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
Advance Information
logo
Freescale Semiconductor...
68HC08PT48 FREESCALE-68HC08PT48 Datasheet
2Mb / 352P
Advance Information
MC68HC708AS48 FREESCALE-MC68HC708AS48 Datasheet
3Mb / 396P
Advance Information
MC68HC05P18 FREESCALE-MC68HC05P18 Datasheet
1Mb / 144P
Advance Information
logo
CML Microcircuits
EV6090 CMLMICRO-EV6090 Datasheet
447Kb / 12P
ADVANCE INFORMATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com