Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6842-PLSW Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATA6842-PLSW
Description  Automotive Failsafe System IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6842-PLSW Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATA6842-PLSW Datasheet HTML 3Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 4Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 5Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 6Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 7Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 8Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 9Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 10Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
7
4964B–AUTO–07/07
ATA6842
3.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Parameters
Condition
Symbol
Min.
Max.
Unit
Supply voltage
V12
–0.3
+26
V
Supply voltage
t < 500 ms
V12
–0.3
+45
V
Voltage at pins CLK, DI, E5, ERD, WDT,
WLP, CSN, RSTN, VRE, DO, C1O, C2O,
RESN, RESAN, UVR, UVW, RREF, VI,
TEST, B1CI, B1CG, B1CO, B2CI, B2CG,
B2CO, RCOS
V()
≤ V5 + 0.3V
V()
–0.3
+5.5
V
Current in pins CLK, DI, E5, ERD, WDT,
WLP, CSN, RSTN, VRE, DO, C1O, C2O,
RESN, RESAN, UVR, UVW, RREF, VI,
TEST, B1CI, B1CG, B1CO, B2CI, B2CG,
B2CO, RCOS
I()
–10
+10
mA
Voltage at RD1, RD2, RD3, RD4, WLN,
OUTN, OUTP, EK15, BSC, TCFET, UVM
V()
–0.3
+45
V
Current in RD1, RD2, RD3, RD4, WLN,
OUTN
I()
–150
+150
mA
Current in OUTP
I()
–10
+10
mA
Voltage at V5, V5A
V()
–0.3
+5.5
V
Current in V5
I()
–150
+10
mA
Current in V5A
I()
–50
+10
mA
Voltage at V12S
V()
–0.3
+45
V
Current in V12S
I()
–60
+10
mA
ESD protection at all pins
MIL-STD-883, Method 3015,
HBM 100 pF discharged
through 1.5 k
Ω
Vd()
2
kV
Junction temperature
Operation
T
j,op
–40
+150
°C
Peak
T
j,peak
–40
+165
°C
Storage temperature
T
s
–55
+125
°C
4.
Thermal Resistance
Parameters
Condition
Symbol
Min.
Max.
Unit
Operating ambient temperature range
Tamb
–40
+105
°C
Thermal resistance, chip to case
RthJC
10
K/W
Soldering temperature
Tms
260
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com