Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6842-PLSW Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATA6842-PLSW
Description  Automotive Failsafe System IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6842-PLSW Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATA6842-PLSW Datasheet HTML 17Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 18Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 19Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 20Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 21Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 22Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 23Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 24Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
21
4964B–AUTO–07/07
ATA6842
7.10
Warning Lamp
The ATA6842 features a watchdog-controlled output, WLN, which can be used to switch a warn-
ing lamp. Depending on the warning lamp polarity pin (WLP), the warning lamp output is
switched either to low level or to open drain, when a Warning lamp request (that is, On in Table
7-9 on page 25, column WLN) occurs or the corresponding SPI command is transmitted. For the
behavior of WLN output refer to Table 7-4. The driver is short-circuit proof and will switch off
after a debounce time. An activation of the warning lamp due to Warning lamp request is sup-
pressed for 768
× t
WD after wake-up to avoid a flickering of the warning lamp during the start-up
phase (exception: lower thermal threshold level reached). The driver also has a current sensor
and a voltage monitoring which sets SPI flags if the corresponding thresholds are reached.
Warnlamp is open drain during suppression time after wake-up. If the oscillator does not work
4 ms after start up, the internal oscillator watchdog timeout is reached and the warning lamp is
switched on.
7.11
Reset
When V12, VI, V5 or V5A are beyond their corresponding normal operating range or the temper-
ature has reached the upper temperature level, a reset is indicated at the outputs RESN
(640
× t
mos;tmos =1/fmos) and RESAN. Additionally, RESAN can be activated by an SPI com-
mand. Via input RSTN, the SPI Interface and the watchdog can be reset by an external signal
(see Table 7-9 on page 25).
Table 7-4.
Warning Lamp Status Table
Warnlamp
Request
TWLN (SPI)
Overcurrent
in WLN
Occurred
Thermal
Threshold #1
Reached
Suppression Time
After
Wake-up/VI Reset
V12
WLP
WLN
Yes
x
x
No
t < 768
× t
WD
> 4.8V
Low
Open drain
Yes
x
x
No
t > 768
× t
WD
> 4.8V
Low
Low
Yes
x
No
Yes
t < 768
× t
WD
> 4.8V
Low
Open drain
Yes
x
No
Yes
t > 768
× t
WD
> 4.8V
Low
Low
No
High
x
No
t > 768
× t
WD
> 4.8V
Low
Low
No
Low
x
No
x
> 4.8V
Low
Open drain
Yes
x
Yes
Yes
x
> 4.8V
Low
Open drain
Yes
x
x
No
x
> 4.8V
High
Open drain
Yes
x
No
Yes
x
> 4.8V
High
Open drain
No
High
x
No
t > 768
× t
WD
> 4.8V
High
Low
No
Low
x
No
x
> 4.8V
High
Open drain
No
High
Yes
Yes
x
> 4.8V
High
Open drain
No
High
No
Yes
x
> 4.8V
x
Open drain
x
x
x
x
x
< 4.8V
x
Open drain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com