Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6842-PLSW Datasheet(PDF) 27 Page - ATMEL Corporation

Part # ATA6842-PLSW
Description  Automotive Failsafe System IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6842-PLSW Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button ATA6842-PLSW Datasheet HTML 21Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 22Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 23Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 24Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 25Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 26Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 27Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 28Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 29Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
27
4964B–AUTO–07/07
ATA6842
7.16
12V Switch
Via an SPI command, the voltage at pin V12 can be switched to pin V12S (see Table 7-9 on
page 25). The 12V switch has a current limitation.
7.17
Comparator
The ATA6842 has two comparators. They compare inputs CxI in reference to the bandgap volt-
age. There are no internal pull-ups or pull-downs. The output is a V5-based push-pull stage. A
hysteresis can be implemented by external resistors. Additionally, the output of comparator
number 1 can be read out via SPI.
7.18
TCFET Driver
The ATA6842 features a circuit to drive an external N-channel FET. The control voltage is gen-
erated by a charge pump with bootstrap circuit for faster power-up behavior. Activation is done
by an SPI command (see Table 7-9 on page 25).
7.19
UVM Voltage Monitoring
An undervoltage warning is indicated at output UVW if V12 falls below 3
× UVR. This reference-
voltage level can be adjusted by an external resistor divider. The undervoltage warning can be
tested with an SPI command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com