Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6842-PLSW Datasheet(PDF) 14 Page - ATMEL Corporation

Part # ATA6842-PLSW
Description  Automotive Failsafe System IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6842-PLSW Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button ATA6842-PLSW Datasheet HTML 10Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 11Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 12Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 13Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 14Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 15Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 16Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 17Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
14
4964B–AUTO–07/07
ATA6842
10
Relay Driver RDx, x = 1 to 4
10.1
Saturation voltage
low
I(RDx) = 150 mA, T < Toff
T
j = –40°C
T
j = 27°C
Tj = 105°C
RDx
Vs()lo
0.4
0.5
0.6
V
V
V
A
10.2
Short circuit current
low
V(RDx) = 2V to V12,
T < T
off
RDx
Isc()lo
250
300
400
mA
A
10.3 Leakage current
V(RDx) = 0V to 40V, T < T
off
RDx
Ilk()
–5
+5
µA
A
10.4
Free-wheeling
voltage
I(RDx) = 10 mA,
RDx = high,
L = 0.2H
RDx
Vf()
42
60
V
A
11
Watchdog
11.1 Upper window time
ROS = 100 k
Ω ±1%,
COS = 1 nF ±5%
WDT
Tu(WDT)
22.2
24.6
27
ms
A
11.2 Lower window time
ROS = 100 k
Ω ±1%,
COS = 1 nF ±5%
WDT
Tl(WDT)
16.4
18
19.8
ms
A
11.3 Watchdog timeout
ROS = 100 k
Ω ±1%,
COS = 1 nF ±5%
WDT
Tt(WDT)
59.7
64.6
71
ms
A
12
Warning Lamp WLN
12.1
Saturation voltage
low
I(WLN) = 20 mA,
WLN = low
WLN
Vs()lo
0.4
V
A
12.2
Short-circuit current
low
V(WLN) = 1V to V12,
WLN = low
WLN
Isc()lo
20
30
50
mA
A
12.3
Threshold current
high
WLN
Ith()hi
12
mA
A
12.4 Threshold current low
WLN
Ith()lo
8
mA
A
12.5
Hysteresis threshold
current
WLN
Ithhys
0.25
1.5
mA
A
12.6
Threshold voltage
detection
WLN
Vth()
2.25
2.75
V
A
12.7 Leakage current
V(WLN) = 0V to 40V,
WLN = high
WLN
Ilk()
–10
+10
µA
A
12.8 Overcurrent filter time
I(WLN) > Isc(WLN)lo,
T > T1
off
WLN
tfi()
100
200
µs
A
12.9 Fall time
V(WLN) from
high = 90% -> low = 10% V12
WLN
tf()
10
µs
B
12.10
Free-wheeling
voltage
I(WLN) = 10 mA, WLN = high,
L = 10 µH
WLN
Vf()
42
60
V
A
5.
Electrical Characteristics (Continued)
Operating conditions: V12 = 6.5V to 26V, V5 = 5V ±3%, RREF = 10 k
Ω ±2%, T
j = –40°C to 150°C, unless otherwise specified.
No. Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Note:
1. Reduced operation mode means either
- RDSON of drivers could be higher than specified or
- Voltage at pin TCFET could be beyond specified limits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com