Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6842-PLSW Datasheet(PDF) 23 Page - ATMEL Corporation

Part # ATA6842-PLSW
Description  Automotive Failsafe System IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6842-PLSW Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button ATA6842-PLSW Datasheet HTML 19Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 20Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 21Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 22Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 23Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 24Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 25Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 26Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
23
4964B–AUTO–07/07
ATA6842
For operation of SPI communication see the following timing diagrams (see Figure 7-2 and Fig-
ure 7-3 on page 24).
With a low signal at CSN, the ATA6842 will be selected for communication by the microproces-
sor. With clock pulses at CLK, the address and data transfer will be synchronized. DI is the input
for address and data from the microprocessor to ATA6842. The data must be valid at the falling
edge of the CLK pin. DO transfers data from ATA6842 to the microprocessor.
Table 7-7.
Control Register 1xxxxx01 Sent by Microprocessor
Bit
Name
Meaning
Function
Comment
7TWLN
Trigger warning
lamp
0: WLN = off
1: WLN = on
See Table 7-4 on page 21
and Table 7-9 on page 25
6
TOUTN
Trigger OUTN
0: OUTN = off
1: OUTN = on
See Table 7-10 and Table
7-11 on page 26
5
TOUTP
Trigger OUTP
0: OUTP = off
1: OUTP = on
See Table 7-10 and Table
7-11 on page 26
4TEN
Trigger enable
(keep alive)
0: no keep alive
1: keep alive
See Table 7-1 on page 18
3TV12S
Trigger V12
switch
0: V12S = off
1: V12S = V12
Used in Testmode 3
see Table 7-9 on page 25
2TUVR
Trigger
undervoltage
reference
0: if UVM < 3
× UVR => UVW = low
0: if UVM > 3
× UVR => UVW = high
1: UVW = low
1
–
–
–
No function
0OTDE
Overtemperature
detection enable
0: temperature detection off
1: temperature detection on
Set OTS = high
if overtemperature =>
OTS = high, else low
Note:
Bold: default state after reset by RSTN = low
Table 7-8.
Control Register 1xxxxx10 Sent by Microprocessor
Bit
Name
Meaning
Function
Comment
7
TTCFET
Trigger test
current FET
0: TCFET = off
1: TCFET = on
See Table 7-9 on page 25
6
TRESAN
Trigger RESAN
0: default
1: RESAN = reset (low)
5
–
–
–
No function
4TRD4
Trigger relay
driver 4
0: RD4 = off
1: RD4 = on if RD3 = off
See Table 7-2 on page 19,
Table 7-3 on page 19 and
Table 7-9 on page 25
3TRD3
Trigger relay
driver 3
0: RD3 = off
1: RD3 = on if RD4 = off
2TRD2
Trigger relay
driver 2
0: RD2 = off
1: RD2 = on if RD1 = off
1TRD1
Trigger relay
driver 1
0: RD1 = off
1: RD1 = on if RD2 = off
0
–
–
–
No function
Note:
Bold: default state after reset by RSTN = low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com