Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6842-PLSW Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATA6842-PLSW
Description  Automotive Failsafe System IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6842-PLSW Datasheet(HTML) 4 Page - ATMEL Corporation

  ATA6842-PLSW Datasheet HTML 1Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 2Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 3Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 4Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 5Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 6Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 7Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 8Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
4
4964B–AUTO–07/07
ATA6842
Figure 1-2.
Application Circuit
µP
VI
WLN
10
µF
47
µF
µP
µP
ERD
C1I
C2I
C2O
C1O
DO
µP
µP
µP
µP
µP
µP
µP
µP
µP
µP
µP
µP
µP
100 nF
CV5
CK30
DK30
QU5
STD1802
4.7
µF
CV5A
QU5A
BC817-40
100 nF
DWLN
CVI
47 nF
CBS1
RREF
EK15
RSTN
RESAN
CSN
DI
CLK
RESN
WDT
E5
GNDA
GNDL
B1CO
RWLN
2.7 k
Ω
RUVM
510
Ω
10 k
Ω
RREF
100 k
Ω
RUV2
2.5 k
Ω
RUV1
1 k
Ω
47 nF
CBS2
DOUTN
DK15
RTC2
10 k
Ω
RTC1
10 k
Ω
ROUTN
2.7 k
Ω
OUTP
TEST
VRE
GNDP
V12S
VI
WLN
TCFET
BSC
V5A
B5A
V5
B5
WLP
OUTN
K15ext
K15
K30
K30P
K30
DOUTP
ROUTP
2.7 k
Ω
V12
VI
UVR
RCOS
UVM
UVW
B1CG
B1CI
RD2
1 k
Ω
RL12
1 k
Ω
RL14
ADC
ADC
20 k
Ω
RL15
0.01
Ω
RL13
20 k
Ω
RL11
MR34
MR12
M1
8.2
Ω
RL1
RL2
RL1
MTCFET1
RD1
K30P
M
B2CO
B2CG
B2CI
RD4
1 k
Ω
RL22
1 k
Ω
RL24
20 k
Ω
RL25
0.01
Ω
RL23
20 k
Ω
RL21
8.2
Ω
RL2
MTCFET2
COS
ROS
1 nF
M2
RL4
RL3
RD3
K30P
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com