Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6842-PLSW Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATA6842-PLSW
Description  Automotive Failsafe System IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6842-PLSW Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATA6842-PLSW Datasheet HTML 4Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 5Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 6Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 7Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 8Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 9Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 10Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 11Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
8
4964B–AUTO–07/07
ATA6842
5.
Electrical Characteristics
Operating conditions: V12 = 6.5V to 26V, V5 = 5V ±3%, RREF = 10 k
Ω ±2%, T
j = –40°C to 150°C, unless otherwise specified.
No. Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
1
Total Device
1.1
Permissible supply
voltage
All functions
Reduced operation mode(1)
V12
6.5
5.8
26
6.5
V
V
A
1.2 Supply current
V12
I(V12)
10
mA
A
1.3 Supply current
Standby, V12 = 14V,
I(V5A) = –10 µA
V12
I(V12)
80
µA
A
1.4 Leakage current low V() = 0V to V12, V12 = 14V
WLN, OUTN,
RD1 to RD4
Ilk()lo,stb
–1
+1
µA
A
1.5 Leakage current high
V() = 0V to V12, V12 = 14V
V(BSC) = 14V
OUTP, V12S,
BSC
Ilk()hi,stb
–1
+1
µA
A
1.6 Supply current
All V5 based I/O pins open
V5
I(V5)
0.5
mA
A
1.7 Supply current
RESAN open
V5A
I(V5A)
50
µA
A
1.8 Pull-up current to V5 V() = 0.7
× V5
CSN
Ipu()
–100
–10
µA
A
1.9 Pull-up current to VI
V() = 0.7
× VI
RSTN
Ipu()
–100
–10
µA
A
1.10 Pull-up current to V5 V() = 0V
CSN
Ipu()
–200
–20
µA
A
1.11 Pull-up current to VI
V() = 0V
RSTN
Ipu()
–200
–20
µA
A
1.12 Pull-down current
V() = 0.2
× V5
CLK, DI, E5,
ERD, WDT
Ipd()
10
100
µA
A
1.13 Pull-down current
V() = 0.2
× VI
WLP
Ipd()
10
100
µA
A
1.14 Pull-down current
V() = V5
CLK, DI, E5,
ERD, WDT
Ipd()
20
200
µA
A
1.15 Pull-down current
V() = VI
WLP
Ipd()
20
200
µA
A
1.16 Pull-up voltage to V5
Vpu() = V() – V5,
I() = –10 µA
CSN
Vpu()
–0.6
V
A
1.17 Pull-up voltage to VI
Vpu() = V() – VI,
I() = –10 µA
RSTN
Vpu()
–0.6
V
A
1.18 Pull-down voltage
I() = 10 µA
CLK, DI, E5,
ERD, WDT, WLP
Vpd()
0.6
V
A
1.19
Input threshold
voltage high
CLK, CSN, DI,
E5, ERD, RSTN,
WDT, WLP
Vt()hi
2
V
A
1.20
Input threshold
voltage low
CLK, CSN, DI,
E5, ERD, RSTN,
WDT, WLP
Vt()lo
0.85
V
A
1.21
Input hysteresis
voltage
Vt()hys = Vt()hi – Vt()lo
CLK, CSN, DI,
E5, ERD, RSTN,
WDT, WLP
Vt()hys
0.2
1
V
A
1.22
Saturation voltage
low
I() = 0.1 mA, outputs low
C1O, C2O, VRE,
DO, RESAN,
RESN, UVW
Vs()lo
0.2
V
A
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Note:
1. Reduced operation mode means either
- R
DSON of drivers could be higher than specified or
- Voltage at pin TCFET could be beyond specified limits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com