Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6842-PLSW Datasheet(PDF) 22 Page - ATMEL Corporation

Part # ATA6842-PLSW
Description  Automotive Failsafe System IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6842-PLSW Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button ATA6842-PLSW Datasheet HTML 18Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 19Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 20Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 21Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 22Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 23Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 24Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 25Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
22
4964B–AUTO–07/07
ATA6842
7.12
SPI Interface
The ATA6842 supports an 8-bit SPI interface to communicate with the microprocessor. The
MSB is transmitted first. There are two status registers (address 0xxxxx01 and 0xxxxx10) and
two control registers (address 1xxxxx01 and 1xxxxx10).
Table 7-5.
Status Register 0xxxxx01 Request by Microprocessor
Bit
Name
Meaning
Function
7
C1O
Comparator 1 output
0: comparator C1I below threshold
1: comparator C1I above threshold
6
EK15S
EK15 status
0: EK15 below threshold
1: EK15 above threshold
5
WLPS
Warnlamp polarity status
0: pin WLP = low
1: pin WLP = high
4
OTS
Overtemperature status
0: normal operation
1: overtemperature present or
overtemperature detection switched off
3
WDOK
Watchdog status
0: watchdog OK
1: watchdog failure
2:0
WDC(2:0)
Watchdog counter bit 2:0
Status of watchdog counter
Table 7-6.
Status Register 0xxxxx10 Request by Microprocessor
Bit
Name
Meaning
Function
7
WLNOC
Warnlamp overcurrent
0: no overcurrent
1: overcurrent
6
ONOC
OUTN overcurrent
0: no overcurrent
1: overcurrent
5
OPOC
OUTP overcurrent
0: no overcurrent
1: overcurrent
4
WLNCS
Warnlamp current status
0: current below threshold
1: current above threshold
3
ONCS
OUTN current status
0: current below threshold
1: current above threshold
2
OPCS
OUTP current status
0: current below threshold
1: current above threshold
1
WLNVS
Warnlamp voltage status
0: voltage below threshold
1: voltage above threshold
0
ONVS
OUTN voltage status
0: voltage below threshold
1: voltage above threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com