Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6842-PLSW Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATA6842-PLSW
Description  Automotive Failsafe System IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6842-PLSW Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATA6842-PLSW Datasheet HTML 9Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 10Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 11Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 12Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 13Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 14Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 15Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 16Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
13
4964B–AUTO–07/07
ATA6842
8
Internal Voltage Supply VI
8.1 Output voltage
C(VI) = 100 nF,
I(VI) = –1 mA to 0 mA
VI
VI
4.35
5.35
V
A
8.2
Lower threshold
undervoltage
RESN = low
VI
VtUlo
3V
A
8.3
Upper threshold
undervoltage
RESN = high
VI
VtU
hi
4.3
V
A
8.4
Lower threshold
overvoltage
RESN = high
VI
VtO
lo
5.4
V
A
8.5
Upper threshold
overvoltage
RESN = low
VI
VtOhi
6V
A
8.6
Hysteresis
undervoltage
VI
VtU
hys
0.4
1
V
A
8.7
Hysteresis
overvoltage
VI
VtO
hys
50
200
mV
A
8.8 Short-circuit current
VI = 0V
VI
Isc()
20
150
mA
A
9
Current Measurement, x = 1, 2
9.1 Output voltage low
I(BxCO) = 20 µA, BxCO = low
BxCO
Vs()lo
–10
+30
mV
A
9.2 Saturation voltage
I(BxCO) = –750 µA,
BxCO = high,
Vs(BxCO)hi =
V5–V(BxCO)
BxCO
Vs()hi
100
mV
A
9.3
Short-circuit current
low
BxCO = low, V(BxCO) = V5
BxCO
Isc()lo
0.5
2
mA
A
9.4
Short-circuit current
high
BxCO = high,
V(BxCO) = 0V
BxCO
Isc()hi
–25
–2.5
mA
A
9.5
Input offset voltage
V(BxCO) – (V(BxCI)
– V(BxCG))
Vos() = V(BxCI) – V(BxCG)
T
j = –40°C
Tj = 27°C
Tj = 105°C
BxCO
Vos()
–3.5
–3
–3.5
+3.5
+3
+3.5
mV
mV
mV
A
9.6 Leakage current
V(BxCI), V(BxCG) =
–0.7V to +0.35V
BxCI
BxCG
Ilk()
–1.75
–1
–0.25
µA
A
9.7 Input voltage range
BxCI
BxCO
Vi()
–0.7
+0.35
V
A
9.8
Difference in leakage
current
V(BxCI), V(BxCG) =
–0.7V to +0.35V,
dIlk(BxCI, BxCG),
B1CI, B1CG and
B2CI, B2CG
dIlk()
–0.25
+0.25
µA
A
5.
Electrical Characteristics (Continued)
Operating conditions: V12 = 6.5V to 26V, V5 = 5V ±3%, RREF = 10 k
Ω ±2%, T
j = –40°C to 150°C, unless otherwise specified.
No. Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Note:
1. Reduced operation mode means either
- RDSON of drivers could be higher than specified or
- Voltage at pin TCFET could be beyond specified limits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com