Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6842-PLSW Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATA6842-PLSW
Description  Automotive Failsafe System IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6842-PLSW Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATA6842-PLSW Datasheet HTML 2Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 3Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 4Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 5Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 6Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 7Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 8Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 9Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
6
4964B–AUTO–07/07
ATA6842
22
B2CO
Bridge 2 current output
23
B2CI
Bridge 2 current input
24
B2CG
Bridge 2 current ground
25
C2I
Comparator 2 input
26
OUTN
Low-side driver output
27
C1I
Comparator 1 input
28
RD4
Relay driver 4 output
29
RD3
Relay driver 3 output
30
GNDP
Power ground
31
RD2
Relay driver 2 output
32
RD1
Relay driver 1 output
33
V12S
12V switch
34
V12
12V supply voltage
35
OUTP
High-side driver output
36
WLN
Warning lamp output
37
TCFET
Test current FET
38
BSC
Bootstrap capacitor
39
VI
Internal 5V supply
40
V5
5V supply
41
B5
Base 5V supply
42
V5A
Auxiliary 5V supply
43
B5A
Base auxiliary 5V supply
44
ERD
Enable relay driver input
45
WLP
Warning lamp polarity input
46
WDT
Watchdog trigger input
47
UVW
Undervoltage warning output
48
RESAN
Auxiliary reset output
Table 2-1.
Pin Description (Continued)
Pin
Symbol
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com