Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5708 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5708
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ/DRC and FEEDBACK
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5708 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TAS5708 Datasheet HTML 30Page - Texas Instruments TAS5708 Datasheet HTML 31Page - Texas Instruments TAS5708 Datasheet HTML 32Page - Texas Instruments TAS5708 Datasheet HTML 33Page - Texas Instruments TAS5708 Datasheet HTML 34Page - Texas Instruments TAS5708 Datasheet HTML 35Page - Texas Instruments TAS5708 Datasheet HTML 36Page - Texas Instruments TAS5708 Datasheet HTML 37Page - Texas Instruments TAS5708 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
TAS5708
SLOS570 – DECEMBER 2008 ........................................................................................................................................................................................... www.ti.com
2. Write 0x40 to register 0x05.
3. Wait at least 1ms+1.3*tstop (where tstop is specified by register 0x1A).
4. Once in shutdown, stable clocks are not required while device remains idle.
5. If desired, reconfigure by ensuring that clocks have been stable and valid for at least 50ms before
returning to step 4 of initialization sequence.
Exit:
1. Ensure I2S clocks have been stable and valid for at least 50ms.
2. Write 0x00 to register 0x05 (exit shutdown command may not be serviced for as much as 240ms
after trim following AVDD/DVDD powerup ramp).
3. Wait at least 1ms+1.3*tstart (where tstart is specified by register 0x1A).
4. Proceed with normal operation.
Controlled Powerdown Sequence
Use the following sequence to powerdown the device and its supplies when time permits a controlled
shutdown:
1. Enter shutdown (sequence defined above).
2. Assert RESET=0.
3. Drive digital inputs low and ramp down PVCC/AVCC supply as follows:
•
Drive all digital inputs low after RESET has been low for at least 2us.
•
Ramp down PVCC/AVCC while ensuring that it remains above 10V until RESET has been low
for at least 2us.
4. Ramp down AVDD/DVDD while ensuring that it remains above 3V until PVCC/AVCC is below 7.5V
and observing absolute maximum ratings for digital inputs.
Power Loss Sequence (BD BTL)
Use the following sequence to powerdown a BD BTL device and its supplies in case of sudden power loss
when time does not permit a controlled shutdown:
1. Assert PDN = 0 and wait at least 2ms.
2. Assert HIZ = 0.
3. Drive digital inputs low and ramp down PVCC/AVCC supply as follows:
•
Drive all digital inputs low after HIZ has been low for at least 4
µs.
•
Ramp down PVCC/AVCC while ensuring that it remains above 10V until HIZ has been low for at
least 4
µs.
4. Ramp down AVDD/DVDD while ensuring that it remains above 3V until PVCC/AVCC is below 7.5V
and observing absolute maximum ratings for digital inputs.
Power Loss Sequence (AD BTL)
Use the following sequence to powerdown an AD BTL device and its supplies in case of sudden power loss
when time does not permit a controlled shutdown:
1. Assert PDN = 0 and wait at least 2ms then assert HIZ = 0 and wait at least 4
µs.
2. Assert RESET = 0.
3. Drive digital inputs low and ramp down PVCC/AVCC supply as follows:
•
Drive all digital inputs low after RESET has been low for at least 2
µs.
•
Ramp down PVCC/AVCC while ensuring that it remains above 10V until RESET has been low
for at least 2
µs.
34
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS5708



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com