Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5708 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5708
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ/DRC and FEEDBACK
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5708 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS5708 Datasheet HTML 9Page - Texas Instruments TAS5708 Datasheet HTML 10Page - Texas Instruments TAS5708 Datasheet HTML 11Page - Texas Instruments TAS5708 Datasheet HTML 12Page - Texas Instruments TAS5708 Datasheet HTML 13Page - Texas Instruments TAS5708 Datasheet HTML 14Page - Texas Instruments TAS5708 Datasheet HTML 15Page - Texas Instruments TAS5708 Datasheet HTML 16Page - Texas Instruments TAS5708 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
f − Frequency − Hz
20
PVCC = 24 V
RL = 8 Ω
100
1k
10k
20k
G003
0.001
0.01
10
0.1
1
PO = 5 W
PO = 10 W
PO = 1 W
PO − Output Power − W
0.01
PVCC = 12 V
RL = 8 Ω
Volume = 6 dB
0.1
1
10
0.001
0.01
10
50
0.1
G004
1
f = 20 Hz
f = 10 kHz
f = 1 kHz
PO − Output Power − W
PVCC = 18 V
RL = 8 Ω
Volume = 6 dB
0.001
0.01
10
0.1
G005
1
f = 1 kHz
f = 20 Hz
f = 10 kHz
0.01
0.1
1
10
50
PO − Output Power − W
PVCC = 24 V
RL = 8 Ω
Volume = 6 dB
0.001
0.01
10
0.1
G006
1
f = 1 kHz
f = 20 Hz
f = 10 kHz
0.01
0.1
1
10
50
TAS5708
www.ti.com ........................................................................................................................................................................................... SLOS570 – DECEMBER 2008
TYPICAL CHARACTERISTICS, BTL CONFIGURATION (continued)
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
OUTPUT POWER
Figure 9.
Figure 10.
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 11.
Figure 12.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TAS5708



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com