Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5708 Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5708
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ/DRC and FEEDBACK
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5708 Datasheet(HTML) 47 Page - Texas Instruments

Back Button TAS5708 Datasheet HTML 43Page - Texas Instruments TAS5708 Datasheet HTML 44Page - Texas Instruments TAS5708 Datasheet HTML 45Page - Texas Instruments TAS5708 Datasheet HTML 46Page - Texas Instruments TAS5708 Datasheet HTML 47Page - Texas Instruments TAS5708 Datasheet HTML 48Page - Texas Instruments TAS5708 Datasheet HTML 49Page - Texas Instruments TAS5708 Datasheet HTML 50Page - Texas Instruments TAS5708 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 56 page
background image
INPUT MULTIPLEXER REGISTER (0x20)
PWM OUTPUT MUX REGISTER (0x25)
TAS5708
www.ti.com ........................................................................................................................................................................................... SLOS570 – DECEMBER 2008
This register controls the modulation scheme (AD or BD mode) as well as the routing of I2S audio to the internal
channels.
Table 18. Input Multiplexer Register (0x20)
D31
D30
D29
D28
D27
D26
D25
D24
FUNCTION
0
0
0
0
0
0
0
0
Reserved (1)
D23
D22
D21
D20
D19
D18
D17
D16
FUNCTION
0
–
–
–
–
–
–
–
Channel-1 AD Mode
1
–
–
–
–
–
–
–
Channel-1 BD mode(1)
–
0
0
0
–
–
–
–
SDIN-L to channel 1 (1)
–
0
0
1
–
–
–
–
SDIN-R to channel 1
–
0
1
0
–
–
–
–
Reserved
–
0
1
1
–
–
–
–
Reserved
–
1
0
0
–
–
–
–
Reserved
–
1
0
1
–
–
–
–
Reserved
–
1
1
0
–
–
–
–
Ground (0) to channel 1
–
1
1
1
–
–
–
–
Reserved
–
–
–
–
0
–
–
–
Channel 2 AD mode
–
–
–
–
1
–
–
–
Channel 2 BD mode(1)
–
–
–
–
–
0
0
0
SDIN-L to channel 2
–
–
–
–
–
0
0
1
SDIN-R to channel 2 (1)
–
–
–
–
–
0
1
0
Reserved
–
–
–
–
–
0
1
1
Reserved
–
–
–
–
–
1
0
0
Reserved
–
–
–
–
–
1
0
1
Reserved
–
–
–
–
–
1
1
0
Ground (0) to channel 2
–
–
–
–
–
1
1
1
Reserved
D15
D14
D13
D12
D11
D10
D9
D8
FUNCTION
0
1
1
1
0
1
1
1
Reserved (1)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
1
1
1
1
0
1
0
Reserved (1)
(1)
Default values are in bold.
This DAP output mux selects which internal PWM channel is output to the external pins. Any channel can be
output to any external output pin.
Bits D21–D20:
Selects which PWM channel is output to OUT_A
Bits D17–D16:
Selects which PWM channel is output to OUT_B
Bits D13–D12:
Selects which PWM channel is output to OUT_C
Bits D09–D08:
Selects which PWM channel is output to OUT_D
Note that channels are enclosed so that channel 1 = 0x00, channel 2 = 0x01, channet 1 = 0x02, and channel 2 =
0x03.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
47
Product Folder Link(s): TAS5708



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com