Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5708 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5708
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ/DRC and FEEDBACK
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5708 Datasheet(HTML) 5 Page - Texas Instruments

  TAS5708 Datasheet HTML 1Page - Texas Instruments TAS5708 Datasheet HTML 2Page - Texas Instruments TAS5708 Datasheet HTML 3Page - Texas Instruments TAS5708 Datasheet HTML 4Page - Texas Instruments TAS5708 Datasheet HTML 5Page - Texas Instruments TAS5708 Datasheet HTML 6Page - Texas Instruments TAS5708 Datasheet HTML 7Page - Texas Instruments TAS5708 Datasheet HTML 8Page - Texas Instruments TAS5708 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
48-PIN, HTQFP PACKAGE (TOP VIEW)
PGND_A
PVCC_A
PLL_FLTP
VR_ANA
PVCC_A
AVSS
PLL_FLTM
OUT_A
PGND_A
PGND_B
OUT_B
RESET
PGND_B
STEST
DVDD
DVSS
PVCC_D
PGND_D
PGND_C
OUT_D
OUT_C
PVCC_D
PGND_C
PGND_D
P0075-03
PHP Package
(TopView)
TAS5708
1
2
3
4
5
6
7
8
9
10
11
12
13 14 15 16 17 18 19 20 21 22 23 24
25
26
27
28
29
30
31
32
48 47 46 45 44 43 42 41 40 39 38 37
36
35
34
33
TAS5708
www.ti.com ........................................................................................................................................................................................... SLOS570 – DECEMBER 2008
PIN FUNCTIONS
PIN
TYPE
5-V
TERMINATION
DESCRIPTION
(1)
TOLERANT
(2)
NAME
NO.
AGND
42
P
Analog ground for power stage
AVCC
43
P
Analog power supply for power stage. Connect externally to same
potential as PVCC.
AVDD
13
P
3.3-V analog power supply
AVSS
9
P
Analog 3.3-V supply ground
BST_A
45
P
High-side bootstrap supply for half-bridge A
BST_B
47
P
High-side bootstrap supply for half-bridge B
BST_C
38
P
High-side bootstrap supply for half-bridge C
BST_D
40
P
High-side bootstrap supply for half-bridge D
BYPASS
41
AO
Nominally equal to VCC/8. Internal reference voltage for analog cells
DVDD
27
P
3.3-V digital power supply
DVSS
28
P
Digital ground
DVSSO
17
P
Oscillator Ground
HIZ
44
DI
Pullup
Enable high-impedance (Hi-Z) mode (active low)
(1)
TYPE: A = analog; D = 3.3-V digital; P = power/ground/decoupling; I = input; O = output
(2)
All pullups are weak pullups and all pulldowns are weak pulldowns. The pullups and pulldowns are included to assure proper input logic
levels if the pins are left unconnected (pullups
→ logic 1 input; pulldowns → logic 0 input).
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TAS5708



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com