Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5708 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5708
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ/DRC and FEEDBACK
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5708 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TAS5708 Datasheet HTML 37Page - Texas Instruments TAS5708 Datasheet HTML 38Page - Texas Instruments TAS5708 Datasheet HTML 39Page - Texas Instruments TAS5708 Datasheet HTML 40Page - Texas Instruments TAS5708 Datasheet HTML 41Page - Texas Instruments TAS5708 Datasheet HTML 42Page - Texas Instruments TAS5708 Datasheet HTML 43Page - Texas Instruments TAS5708 Datasheet HTML 44Page - Texas Instruments TAS5708 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
SYSTEM CONTROL REGISTER 2 (0x05)
SOFT MUTE REGISTER (0x06)
TAS5708
www.ti.com ........................................................................................................................................................................................... SLOS570 – DECEMBER 2008
When bit D6 is set low, the system exits all channel shutdown and starts playing audio; otherwise, the outputs
are shut down(hard mute).
Table 8. System Control Register 2 (0x05)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
–
–
–
–
–
–
–
Reserved (1)
–
1
–
–
–
–
–
–
Enter all channel shut down (hard mute).(1)
–
0
–
–
–
–
–
–
Exit all channel shutdown (normal operation)
–
–
0
0
0
0
0
0
Reserved (1)
(1)
Default values are in bold.
Writing a 1 to any of the following bits sets the output of the respective channel to 50% duty cycle (soft mute).
Table 9. Soft Mute Register (0x06)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
–
–
–
–
–
–
–
1
Soft mute channel 1
–
–
–
–
–
–
–
0
Soft unmute channel 1
–
–
–
–
–
–
1
–
Soft mute channel 2
–
–
–
–
–
–
0
–
Soft unmute channel 2
0
0
0
0
0
0
–
–
Reserved
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Link(s): TAS5708



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com