Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5708 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5708
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ/DRC and FEEDBACK
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5708 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TAS5708 Datasheet HTML 29Page - Texas Instruments TAS5708 Datasheet HTML 30Page - Texas Instruments TAS5708 Datasheet HTML 31Page - Texas Instruments TAS5708 Datasheet HTML 32Page - Texas Instruments TAS5708 Datasheet HTML 33Page - Texas Instruments TAS5708 Datasheet HTML 34Page - Texas Instruments TAS5708 Datasheet HTML 35Page - Texas Instruments TAS5708 Datasheet HTML 36Page - Texas Instruments TAS5708 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
Recommended Command Sequences
TAS5708
www.ti.com ........................................................................................................................................................................................... SLOS570 – DECEMBER 2008
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
tPL-HL
Time HIZ must remain high after PDN goes low
2
ms
tHL-RL
Time RESET must remain high after HIZ goes low
4
µs
Time digital inputs must remain valid (driven as recommended) after HIZ
tHL-DV
4
µs
goes low
Time digital inputs must remain valid (driven as recommended) after
tRL-DV
2
µs
RESET goes low
tDL-VDDH
Time digital inputs must be low before AVDD/DVDD goes below 3V
0
µs
tHL-PVCCH
Time PVCC/AVCC must remain above 10V after HIZ goes low
4
µs
tRL-PVCCH
Time PVCC/AVCC must remain above 10V after RESET goes low
2
µs
Time PVCC/AVCC must be below 7.5V before AVDD/DVDD goes below
tPVCCL-VDDH
0
µs
3V
The DAP has two groups of commands. One set is for configuration and is intended for use only during
initialization. The other set has built-in click and pop protection and may be used during normal operation while
audio is streaming. The following supported command sequences illustrate how to initialize, operate, and
shutdown the device.
Initialization Sequence
Use the following sequence to power-up and initialize the device:
1. Hold all digital inputs low and ramp up AVDD/DVDD to at least 3V.
2. Initialize digital inputs and PVCC/AVCC supply as follows:
•
Drive RESET=0, PDN=1, HIZ=1, and other digital inputs to their desired state, observing
absolute maximum ratings relative to AVDD/DVDD. Provide stable and valid I2S clocks (MCLK,
LRCLK, and SCLK). Wait at least 100us, drive RESET=1, and wait at least another 13.5ms.
•
Ramp up PVCC/AVCC to at least 10V while ensuring it remains below 7.5V for at least 100us
after AVDD/DVDD reaches 3V. Then wait at least another 10us.
3. Trim oscillator (write 0x00 to register 0x1B) and wait at least 50ms.
4. Configure the DAP via I2C (see Users's Guide for typical values):
Biquads (0x29-36)
DRC parameters (0x3A-3C, 0x40-42, and 0x46)
Bank select (0x50)
5. Configure remaining registers
6. Exit shutdown (sequence defined below).
Normal Operation
The following are the only events supported during normal operation:
(a) Writes to master/channel volume registers
(b) Writes to soft mute register
(c) Enter and exit shutdown (sequence defined below)
(d) Clock errors and rate changes
Note: Events (c) and (d) are not supported for 240ms+1.3*tstart after trim following AVDD/DVDD powerup
ramp (where tstart is specified by register 0x1A).
Shutdown Sequence
Enter:
1. Ensure I2S clocks have been stable and valid for at least 50ms.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): TAS5708



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com