Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5708 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5708
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ/DRC and FEEDBACK
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5708 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TAS5708 Datasheet HTML 10Page - Texas Instruments TAS5708 Datasheet HTML 11Page - Texas Instruments TAS5708 Datasheet HTML 12Page - Texas Instruments TAS5708 Datasheet HTML 13Page - Texas Instruments TAS5708 Datasheet HTML 14Page - Texas Instruments TAS5708 Datasheet HTML 15Page - Texas Instruments TAS5708 Datasheet HTML 16Page - Texas Instruments TAS5708 Datasheet HTML 17Page - Texas Instruments TAS5708 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
PVCC − Supply Voltage − V
5
10
15
20
25
30
35
40
10
12
14
16
18
20
22
24
26
G008
RL = 8 Ω
THD+N = 1%
THD+N = 10%
Power represented by
dashed lines may require
additional heat sinking.
PO − Output Power (Per Channel) − W
0
10
20
30
40
50
60
70
80
90
100
0
2
4
6
8
10
12
14
16
18
20
G010
RL = 8 Ω
PVCC = 12 V
PVCC = 18 V
PVCC = 24 V
−100
−90
−80
−70
−60
−50
−40
f − Frequency − Hz
G013
20
100
1k
10k
20k
Left to Right
Right to Left
PO = 1 W
PVCC = 12 V
RL = 8 Ω
−100
−90
−80
−70
−60
−50
−40
f − Frequency − Hz
G014
20
100
1k
10k
20k
Left to Right
Right to Left
PO = 1 W
PVCC = 18 V
RL = 8 Ω
TAS5708
SLOS570 – DECEMBER 2008 ........................................................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS, BTL CONFIGURATION (continued)
OUTPUT POWER
EFFICIENCY
vs
vs
SUPPLY VOLTAGE
OUTPUT POWER
Figure 13.
Figure 14.
CROSSTALK
CROSSTALK
vs
vs
FREQUENCY
FREQUENCY
Figure 15.
Figure 16.
14
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS5708



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com