Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5708 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5708
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ/DRC and FEEDBACK
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5708 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TAS5708 Datasheet HTML 26Page - Texas Instruments TAS5708 Datasheet HTML 27Page - Texas Instruments TAS5708 Datasheet HTML 28Page - Texas Instruments TAS5708 Datasheet HTML 29Page - Texas Instruments TAS5708 Datasheet HTML 30Page - Texas Instruments TAS5708 Datasheet HTML 31Page - Texas Instruments TAS5708 Datasheet HTML 32Page - Texas Instruments TAS5708 Datasheet HTML 33Page - Texas Instruments TAS5708 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
APPLICATION INFORMATION
Calculation of Output Signal Level of TAS5708 Feedback Power Stage
TAS5708
SLOS570 – DECEMBER 2008 ........................................................................................................................................................................................... www.ti.com
(Gain Is independent of PVCC)
The gain of the TAS5708 is the total digital gain of the controller multiplied by the gain of the power stage.
For a half-bridge channel of the TAS5708 power stage, the gain is simply:
Power stage gain = 13 × VRMS / Modulation Level
Modulation level = fraction of full-scale modulation of the PWM signal at the input of the power stage.
VRMS(SE) = Audio voltage level at the output of the power stage = 13 × Modulation Level
VRMS(BTL) = 2 × Audio voltage level at the output of the power stage = 26 × Modulation Level
For the TAS5708 controller, the gain is the programmed digital gain multiplied by a scaling factor, called the
maximum modulation level. The maximum modulation level is derived from the modulation limit programmed in
the controller, which limits duty cycle to a set number of percent above 0% and below 100%. Setting the
modulation limit to 97.7% (default) limits the duty cycle between 2.3% and 97.7%.
Controller gain = digital gain × maximum modulation level × (modulation level/digital FFS)
Digital FFS = digital input fraction of full scale
Modulation limit = 97.7%
Maximum modulation level = 2 × modulation limit – 1 = 0.954
The output signal level of the TAS5708 can now be calculated:
VRMS(SE) = digital FFS × digital gain × maximum modulation level × 13
VRMS(BTL) = 2 × VRMS(SE)
With the modulation limit set at the default level of 97.7%, this becomes:
VRMS (BTL) = digital FFS × digital gain × 24.8
Example: Input = –20 dbFS; volume = 0 dB; biquads = ALL PASS; modulation index = 97.7%; mode = BTL
Output VRMS (BTL) = 24.8 × 0.1 × 1 = 2.48 V.
30
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS5708



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com