Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5708 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5708
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ/DRC and FEEDBACK
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5708 Datasheet(HTML) 1 Page - Texas Instruments

  TAS5708 Datasheet HTML 1Page - Texas Instruments TAS5708 Datasheet HTML 2Page - Texas Instruments TAS5708 Datasheet HTML 3Page - Texas Instruments TAS5708 Datasheet HTML 4Page - Texas Instruments TAS5708 Datasheet HTML 5Page - Texas Instruments TAS5708 Datasheet HTML 6Page - Texas Instruments TAS5708 Datasheet HTML 7Page - Texas Instruments TAS5708 Datasheet HTML 8Page - Texas Instruments TAS5708 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
1
FEATURES
DESCRIPTION
−140
−120
−100
−80
−60
−40
−20
0
20
f − Frequency − Hz
G018
5k
15k
20k
12k
10k
9k
8k
7k
6k
Closest Open-Loop
Competitor
TIClosed-Loop
Fundamental
AudioInput
40dB
Inprovement
2
nd
Order
Sideband
AudioInput=10kHz
SupplyRipple=1kHz,500mVpp
3
rd
Order
Sideband
f − Frequency − Hz
20
100
1k
10k 20k
G019
0.01
10
0.1
1
P =3W
O
SupplyRipple=1kHz,500mVpp
ClosestOpen-Loop
Competitor
TIClosed-Loop
TAS5708
www.ti.com ........................................................................................................................................................................................... SLOS570 – DECEMBER 2008
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ/DRC and FEEDBACK
• Audio Input/Output
• Benefits
–
20-W Into an 8-
Ω Load From an 18-V Supply
–
EQ: Speaker Equalization Improves Audio
Performance
–
Wide PVCC Range (10 V to 26 V); 3.3 V
Digital Supply
–
DRC: Enables Speaker Protection and
Night-Mode Listening.
–
Supports One Serial Audio Input (8 kHz - 48
kHz Sample Rates) (LJ/RJ/I2S)
–
Autobank Switching: Preloaded
Coefficients for Three Different Sample
–
Power-Stage Feedback Allows Operation
Rates Eliminates the Need to Update
From Poorly Regulated Power Supplies
Coefficients When Sample Rate Changes
• Audio/PWM Processing
–
Autodetect: Automatically Detects
–
Factory-Trimmed Internal Oscillator for
Sample-Rate Changes Eliminating the Need
Automatic Rate Detection
for External Microprocessor Intervention
–
High-End 32-Bit Data Path Audio Processor
–
Closed-Loop Power Stage: Enables Wide
–
14 Biquads for Speaker EQ
PVCC Operating Range and Reduced
–
Dynamic Range Control (DRC)
Power Supply Ripple Distortion
The TAS5708 is a 20-W, efficient, digital audio power amplifier for driving stereo bridge-tied speakers. A 32-bit
datapath eliminates the need for pre-scaling before processing and preserves signal integrity without sacrificing
dynamic range. A digital audio processor with fully programmable digital filters allows designers to custom tune
speakers for optimum sound in small enclosures. A programmable DRC can adjust power levels for a scaleable
design while also enabling night-mode listening modes.
The closed-loop architecture allows the device to operate from poorly regulated supplies. Figure 1 below shows
the benefit of the feedback architecture when a noisy supply (1kHz, 500mVpp ripple) modulates a 10kHz audio
input. The figure shows a 40dB improvement in sideband suppression when compared to an open-loop design.
This correlates directly to a 24dB improvement in distortion as seen in Figure 2.
Figure 1. Supply Ripple Intermod Distortion
Figure 2. THD+N vs Frequency
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TAS5708

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5701 TI-TAS5701 Datasheet
628Kb / 26P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
TAS5701 TI1-TAS5701 Datasheet
1Mb / 28P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
TAS5701PAP TI-TAS5701PAP Datasheet
628Kb / 26P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
TAS5701PAP TI-TAS5701PAP Datasheet
628Kb / 26P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
TAS5701PAP TI1-TAS5701PAP Datasheet
1Mb / 28P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
More results

Similar Description - TAS5708

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5706A TI-TAS5706A Datasheet
1Mb / 63P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5706A_0812 TI-TAS5706A_0812 Datasheet
1Mb / 65P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5707 TI-TAS5707 Datasheet
1Mb / 55P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5706BPAPR TI1-TAS5706BPAPR Datasheet
1Mb / 71P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5709 TI-TAS5709_15 Datasheet
1Mb / 60P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5706A TI1-TAS5706A_16 Datasheet
1Mb / 71P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5709 TI1-TAS5709_16 Datasheet
1Mb / 61P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5710 TI1-TAS5710_15 Datasheet
1Mb / 58P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ/DRC and FEEDBACK
TAS5716 TI1-TAS5716_16 Datasheet
1Mb / 64P
20-W Stereo Digital-Audio Power Amplifier With EQ and DRC
logo
Eutech Microelectronics...
EUA2307 EUTECH-EUA2307 Datasheet
100Kb / 1P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com