Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5708 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5708
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ/DRC and FEEDBACK
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5708 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TAS5708 Datasheet HTML 4Page - Texas Instruments TAS5708 Datasheet HTML 5Page - Texas Instruments TAS5708 Datasheet HTML 6Page - Texas Instruments TAS5708 Datasheet HTML 7Page - Texas Instruments TAS5708 Datasheet HTML 8Page - Texas Instruments TAS5708 Datasheet HTML 9Page - Texas Instruments TAS5708 Datasheet HTML 10Page - Texas Instruments TAS5708 Datasheet HTML 11Page - Texas Instruments TAS5708 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
PLL INPUT PARAMETERS AND EXTERNAL FILTER COMPONENTS
ELECTRICAL CHARACTERISTICS
TAS5708
SLOS570 – DECEMBER 2008 ........................................................................................................................................................................................... www.ti.com
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fMCLKI
MCLK Frequency
2.8224
24.576
MHz
MCLK duty cycle
40%
50%
60%
tr /
Rise/fall time for MCLK
5
ns
tf(MCLK)
LRCLK allowable drift before LRCLK reset
4
MCLKs
External PLL filter capacitor C1
SMD 0603 Y5V
47
nF
External PLL filter capacitor C2
SMD 0603 Y5V
4.7
nF
External PLL filter resistor R
SMD 0603, metal film
470
Ω
DC Characteristics, BD BTL Mode, FS = 48 kHz, TA = 25°C, PVCC_X = AVCC = 18 V, DVDD=AVDD= 3.3V, RL = 8 Ω (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
FAULT and SDA
IOH = –4 mA ,
2.4
V
DVDD=AVDD=3.0 V
VOL
Low-level output voltage
FAULT and SDA
IOL = 4 mA ,
0.5
V
DVDD=AVDD=3.0 V
|VOS|
Class-D output offset voltage
26
mV
VBYPASS
PVCC/8 reference for analog section
No load
2.1
2.26
2.4
V
Digital Inputs
VI ≤ VIL
75
IIL
Low-level input current
µA
DVDD = AVDD = 3.6 V
Digital Inputs
VI ≥ VIH
75
IIH
High-level input current
µA
DVDD = AVDD = 3.6 V
Normal mode
43
77
3.3V Supply voltage (DVDD +
IDD
3.3-V supply current
mA
Reset (RESET = low, PDN
19
24
AVDD)
= high)
Normal Mode
34
60
mA
ICC
Half-Bridge supply current
No Load (PVCC + AVCC)
Reset (RESET = low, PDN
54
310
µA
= high)
Drain-to-source resistance, high-side
VCC = 18 V , IO = 500 mA,
240
rDS(on)
(1)
TJ = 25°C, includes
m
Ω
240
Drain-to-source resistance, low-side
metallization resistance
Protection
Undervoltage protection
8.4
Vuvp
PVCC_X = AVCC falling
V
limit
Undervoltage protection
8.5
Vuvp,hyst
PVCC_X = AVCC rising
V
limit
Over-voltage protection
27.5
Vovp
PVCC_X = AVCC rising
V
limit
Over-voltage protection
27.2
Vovp,hyst
PVCC_X = AVCC falling
V
limit
OTE(2)
Over temperature error (output shutdown, unlatched)
150
°C
OTEHYST
(2)
Extra temperature drop required to recover from error
15
°C
(1)
This does not include bond-wire or pin resistance.
(2)
Specified by design
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS5708



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com