Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80C51RA2-RLSIV Datasheet(PDF) 67 Page - ATMEL Corporation

Part # AT80C51RA2-RLSIV
Description  High Performance 8-bit Microcontroller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51RA2-RLSIV Datasheet(HTML) 67 Page - ATMEL Corporation

Back Button AT80C51RA2-RLSIV Datasheet HTML 63Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 64Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 65Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 66Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 67Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 68Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 69Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 70Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 71Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 86 page
background image
67
4188F–8051–01/08
AT/TS8xC51Rx2
Table 11-9.
AC Parameters for a Variable Clock: derating formula
11.5.5
External Data Memory Write Cycle
Figure 11-7. External Data Memory Write Cycle
11.5.6
External Data Memory Read Cycle
Symbol
Type
Standard
Clock
X2 Clock
-M
-V
-L
Units
TRLRH
Min
6 T - x
3 T - x
20
15
25
ns
TWLWH
Min
6 T - x
3 T - x
20
15
25
ns
TRLDV
Max
5 T - x
2.5 T - x
25
23
30
ns
TRHDX
Min
x
x
0
0
0
ns
TRHDZ
Max
2 T - x
T - x
20
15
25
ns
TLLDV
Max
8 T - x
4T -x
40
35
45
ns
TAVDV
Max
9 T - x
4.5 T - x
60
50
65
ns
TLLWL
Min
3 T - x
1.5 T - x
25
20
30
ns
TLLWL
Max
3 T + x
1.5 T + x
25
20
30
ns
TAVWL
Min
4 T - x
2 T - x
25
20
30
ns
TQVWX
Min
T - x
0.5 T - x
15
10
20
ns
TQVWH
Min
7 T - x
3.5 T - x
15
10
20
ns
TWHQX
Min
T - x
0.5 T - x
10
8
15
ns
TRLAZ
Max
x
x
0
0
0
ns
TWHLH
Min
T - x
0.5 T - x
15
10
20
ns
TWHLH
Max
T + x
0.5 T + x
15
10
20
ns
TQVWH
TLLAX
ALE
PSEN
WR
PORT 0
PORT 2
A0-A7
DATA OUT
ADDRESS
OR SFR-P2
TAVWL
TLLWL
TQVWX
ADDRESS A8-A15 OR SFR P2
TWHQX
TWHLH
TWLWH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com