Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80C51RA2-RLSIV Datasheet(PDF) 58 Page - ATMEL Corporation

Part # AT80C51RA2-RLSIV
Description  High Performance 8-bit Microcontroller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51RA2-RLSIV Datasheet(HTML) 58 Page - ATMEL Corporation

Back Button AT80C51RA2-RLSIV Datasheet HTML 54Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 55Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 56Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 57Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 58Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 59Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 60Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 61Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 62Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 86 page
background image
58
4188F–8051–01/08
AT/TS8xC51Rx2
11. Electrical Characteristics
11.1
Absolute Maximum Ratings
11.2
Power Consumption Measurement
Since the introduction of the first C51 devices, every manufacturer made operating Icc measure-
ments under reset, which made sense for the designs were the CPU was running under reset. In
Atmel new devices, the CPU is no more active during reset, so the power consumption is very
low but is not really representative of what will happen in the customer system. That’s why, while
keeping measurements under Reset, Atmel presents a new way to measure the operating Icc:
Using an internal test ROM, the following code is executed:
Label:
SJMP Label (80 FE)
Ports 1, 2, 3 are disconnected, Port 0 is tied to FFh, EA = Vcc, RST = Vss, XTAL2 is not con-
nected and XTAL1 is driven by the clock.
This is much more representative of the real operating Icc.
11.3
DC Parameters for Standard Voltage
TA = 0°C to +70°C; VSS = 0 V; VCC = 5 V ± 10%; F = 0 to 40 MHz.
TA = -40°C to +85°C; VSS = 0 V; VCC = 5 V ± 10%; F = 0 to 40 MHz.
Ambiant Temperature Under Bias:
C = commercial......................................................0°C to 70°C
I = industrial ........................................................-40°C to 85°C
Storage Temperature .................................... -65°C to + 150°C
Voltage on VCC to VSS ........................................-0.5 V to + 7 V
Voltage on Any Pin to VSS........................-0.5 V to VCC + 0.5 V
Power Dissipation .............................................................. 1 W
*NOTICE:
Stresses at or above those listed under “ Abso-
lute Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only
and functional operation of the device at these or
any other conditions above those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions may affect device reliability.
Power dissipation is based on the maximum
allowable die temperature and the thermal resis-
tance of the package.
Table 11-1.
DC Parameters in Standard Voltage
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIL
Input Low Voltage
-0.5
0.2 VCC - 0.1
V
VIH
Input High Voltage except XTAL1, RST
0.2 VCC + 0.9
VCC + 0.5
V
VIH1
Input High Voltage, XTAL1, RST
0.7 VCC
VCC + 0.5
V
VOL
Output Low Voltage, ports 1, 2, 3, 4, 5(6)
0.3
0.45
1.0
V
V
V
IOL = 100 µA(4)
IOL = 1.6 mA(4)
IOL = 3.5 mA(4)
VOL1
Output Low Voltage, port 0 (6)
0.3
0.45
1.0
V
V
V
IOL = 200 µA(4)
IOL = 3.2 mA(4)
IOL = 7.0 mA(4)
VOL2
Output Low Voltage, ALE, PSEN
0.3
0.45
1.0
V
V
V
IOL = 100 µA(4)
IOL = 1.6 mA(4)
IOL = 3.5 mA(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com