Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80C51RA2-RLSIV Datasheet(PDF) 47 Page - ATMEL Corporation

Part # AT80C51RA2-RLSIV
Description  High Performance 8-bit Microcontroller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51RA2-RLSIV Datasheet(HTML) 47 Page - ATMEL Corporation

Back Button AT80C51RA2-RLSIV Datasheet HTML 43Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 44Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 45Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 46Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 47Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 48Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 49Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 50Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 51Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 86 page
background image
47
4188F–8051–01/08
AT/TS8xC51Rx2
Reset value XXXX X000
6.8.2
WDT during Power-down and Idle
In Power-down mode the oscillator stops, which means the WDT also stops. While in Power-
down mode the user does not need to service the WDT. There are 2 methods of exiting Power-
down mode: by a hardware reset or via a level activated external interrupt which is enabled prior
to entering Power-down mode. When Power-down is exited with hardware reset, servicing the
WDT should occur as it normally should whenever the TS80C51Rx2 is reset. Exiting Power-
down with an interrupt is significantly different. The interrupt is held low long enough for the
oscillator to stabilize. When the interrupt is brought high, the interrupt is serviced. To prevent the
WDT from resetting the device while the interrupt pin is held low, the WDT is not started until the
interrupt is pulled high. It is suggested that the WDT be reset during the interrupt service routine.
To ensure that the WDT does not overflow within a few states of exiting of powerdown, it is best
to reset the WDT just before entering powerdown.
In the Idle mode, the oscillator continues to run. To prevent the WDT from resetting the
TS80C51Rx2 while in Idle mode, the user should always set up a timer that will periodically exit
Idle, service the WDT, and re-enter Idle mode.
Bit
Number
Bit
Mnemonic
Description
7
T4
Reserved
Do not try to set or clear this bit.
6
T3
5
T2
4
T1
3
T0
2
S2
WDT Time-out select bit 2
1
S1
WDT Time-out select bit 1
0
S0
WDT Time-out select bit 0
S2 S1 S0Selected Time-out
0
0
0(214 - 1) machine cycles, 16.3 ms @ 12 MHz
0
0
1(215 - 1) machine cycles, 32.7 ms @ 12 MHz
0
1
0(216 - 1) machine cycles, 65.5 ms @ 12 MHz
0
1
1(217 - 1) machine cycles, 131 ms @ 12 MHz
1
0
0(218 - 1) machine cycles, 262 ms @ 12 MHz
1
0
1(219 - 1) machine cycles, 542 ms @ 12 MHz
1
1
0(220 - 1) machine cycles, 1.05 s @ 12 MHz
1
1
1(221 - 1) machine cycles, 2.09 s @ 12 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com