Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80C51RA2-RLSIV Datasheet(PDF) 56 Page - ATMEL Corporation

Part # AT80C51RA2-RLSIV
Description  High Performance 8-bit Microcontroller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51RA2-RLSIV Datasheet(HTML) 56 Page - ATMEL Corporation

Back Button AT80C51RA2-RLSIV Datasheet HTML 52Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 53Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 54Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 55Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 56Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 57Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 58Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 59Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 60Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 86 page
background image
56
4188F–8051–01/08
AT/TS8xC51Rx2
The encryption array cannot be directly verified. Verification of the encryption array is done by
observing that the code array is well encrypted.
Figure 9-2.
Programming and Verification Signal’s Waveform
9.4
EPROM Erasure (Windowed Packages Only)
Erasing the EPROM erases the code array, the encryption array and the lock bits returning the
parts to full functionality.
Erasure leaves all the EPROM cells in a 1’s state (FF).
9.4.1
Erasure Characteristics
The recommended erasure procedure is exposure to ultraviolet light (at 2537 Å) to an integrated
dose at least 15 W-sec/cm2. Exposing the EPROM to an ultraviolet lamp of 12,000 µW/cm2 rat-
ing for 30 minutes, at a distance of about 25 mm, should be sufficient. An exposure of 1 hour is
recommended with most of standard erasers.
Erasure of the EPROM begins to occur when the chip is exposed to light with wavelength
shorter than approximately 4,000 Å. Since sunlight and fluorescent lighting have wavelengths in
this range, exposure to these light sources over an extended time (about 1 week in sunlight, or 3
years in room-level fluorescent lighting) could cause inadvertent erasure. If an application sub-
jects the device to this type of exposure, it is suggested that an opaque label be placed over the
window.
10. Signature Bytes
The TS83/87C51RB2/RC2/RD2 has four signature bytes in location 30h, 31h, 60h and 61h. To
read these bytes follow the procedure for EPROM verify but activate the control lines provided in
Table 31. for Read Signature Bytes. Table 10-1. shows the content of the signature byte for the
TS87C51RB2/RC2/RD2.
Table 10-1.
Signature Bytes Content
Control signals
Data In
ALE/PROG
A0-A12
Programming Cycle
100µs
D0-D7
EA/VPP
Data Out
Read/Verify Cycle
12.75V
5V
0V
Location
Contents
Comment
30h
58h
Manufacturer Code: Atmel
31h
57h
Family Code: C51 X2
60h
7Ch
Product name: TS83C51RD2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com