Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80C51RA2-RLSIV Datasheet(PDF) 15 Page - ATMEL Corporation

Part # AT80C51RA2-RLSIV
Description  High Performance 8-bit Microcontroller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51RA2-RLSIV Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button AT80C51RA2-RLSIV Datasheet HTML 11Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 12Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 13Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 14Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 15Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 16Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 17Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 18Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 86 page
background image
15
4188F–8051–01/08
AT/TS8xC51Rx2
5.4
Dual Data Pointer Register
The additional data pointer can be used to speed up code execution and reduce code size in a
number of ways.
The dual DPTR structure is a way by which the chip will specify the address of an external data
memory location. There are two 16-bit DPTR registers that address the external memory, and a
single bit called DPS = AUXR1/bit0 (Table 5-3) that allows the program code to switch between
them (Refer to Figure 5-3).
Figure 5-3.
Use of Dual Pointer
Table 5-3.
AUXR1: Auxiliary Register 1
External Data Memory
AUXR1(A2H)
DPS
DPH(83H) DPL(82H)
0
7
DPTR0
DPTR1
AUXR1
Address 0A2H
-
-
-
-
GF3
-
-
DPS
Reset value
X
X
X
X
0
X
X
0
Symbol
Function
-
Not implemented, reserved for future use (1)
1.
User software should not write 1s to reserved bits. These bits may be used in future 8051 family
products to invoke new feature. In that case, the reset value of the new bit will be 0, and its
active value will be 1. The value read from a reserved bit is indeterminate.
GF3 will not be available on first version of the RC devices.
DPS
Data Pointer Selection.
DPS
Operating Mode
0
DPTR0 Selected
1
DPTR1 Selected
GF3
This bit is a general purpose user flag(2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com