Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80C51RA2-RLSIV Datasheet(PDF) 19 Page - ATMEL Corporation

Part # AT80C51RA2-RLSIV
Description  High Performance 8-bit Microcontroller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51RA2-RLSIV Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button AT80C51RA2-RLSIV Datasheet HTML 15Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 16Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 17Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 18Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 19Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 20Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 21Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 22Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 86 page
background image
19
4188F–8051–01/08
AT/TS8xC51Rx2
6.2
Timer 2
The timer 2 in the
TS80C51RX2 is compatible with the timer 2 in the 80C52.
It is a 16-bit timer/counter: the count is maintained by two eight-bit timer registers, TH2 and TL2,
connected in cascade. It is controlled by T2CON register (See Table 6-2) and T2MOD register
(See Table 6-3). Timer 2 operation is similar to Timer 0 and Timer 1. C/T2 selects FOSC/12 (timer
operation) or external pin T2 (counter operation) as the timer clock input. Setting TR2 allows TL2
to be incremented by the selected input.
Timer 2 has 3 operating modes: capture, autoreload and Baud Rate Generator. These modes
are selected by the combination of RCLK, TCLK and CP/RL2 (T2CON), as described in the
Atmel 8-bit Microcontroller Hardware description.
Refer to the Atmel 8-bit Microcontroller Hardware description for the description of Capture and
Baud Rate Generator Modes.
In
TS80C51RX2 Timer 2 includes the following enhancements:
• Auto-reload mode with up or down counter
• Programmable clock-output
6.2.1
Auto-reload Mode
The auto-reload mode configures timer 2 as a 16-bit timer or event counter with automatic
reload. If DCEN bit in T2MOD is cleared, timer 2 behaves as in 80C52 (refer to the Atmel 8-bit
Microcontroller Hardware description). If DCEN bit is set, timer 2 acts as an Up/down
timer/counter as shown in Figure 6-2. In this mode the T2EX pin controls the direction of count.
When T2EX is high, timer 2 counts up. Timer overflow occurs at FFFFh which sets the TF2 flag
and generates an interrupt request. The overflow also causes the 16-bit value in RCAP2H and
RCAP2L registers to be loaded into the timer registers TH2 and TL2.
When T2EX is low, timer 2 counts down. Timer underflow occurs when the count in the timer
registers TH2 and TL2 equals the value stored in RCAP2H and RCAP2L registers. The under-
flow sets TF2 flag and reloads FFFFh into the timer registers.
The EXF2 bit toggles when timer 2 overflows or underflows according to the the direction of the
count. EXF2 does not generate any interrupt. This bit can be used to provide 17-bit resolution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com