Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80C51RA2-RLSIV Datasheet(PDF) 54 Page - ATMEL Corporation

Part # AT80C51RA2-RLSIV
Description  High Performance 8-bit Microcontroller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51RA2-RLSIV Datasheet(HTML) 54 Page - ATMEL Corporation

Back Button AT80C51RA2-RLSIV Datasheet HTML 50Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 51Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 52Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 53Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 54Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 55Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 56Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 57Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 58Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 86 page
background image
54
4188F–8051–01/08
AT/TS8xC51Rx2
WARNING: Security level 2 and 3 should only be programmed after EPROM and Core
verification.
9.2.3
Signature bytes
The TS87C51RB2/RC2/RD2 contains 4 factory programmed signatures bytes. To read these
bytes, perform the process described in Section “Signature bytes”.
9.3
EPROM Programming
9.3.1
Set-up Modes
In order to progra m and verify the EP ROM or to re ad the signatu re b ytes, the
TS87C51RB2/RC2/RD2 is placed in specific set-up modes (See Figure 9-1.).
Control and program signals must be held at the levels indicated in Table 9-2.
9.3.2
Definition of Terms
Address Lines:P1.0-P1.7, P2.0-P2.5, P3.4, P3.5 respectively for A0-A15 (P2.5 (A13) for RB,
P3.4 (A14) for RC, P3.5 (A15) for RD)
Data Lines:P0.0-P0.7 for D0-D7
Control Signals:RST, PSEN, P2.6, P2.7, P3.3, P3.6, P3.7.
Program Signals:ALE/PROG, EA/VPP.
Table 9-2.
EPROM Set-Up Modes
Mode
RST
PSEN
ALE/P
ROG
EA/VP
P
P2.6
P2.7
P3.3
P3.6
P3.7
Program Code data
1
0
12.75V
0
1
1
1
1
Verify Code data
1
0
1
1
0
0
1
1
Program Encryption
Array Address 0-3Fh
1
0
12.75V
0
1
1
0
1
Read Signature Bytes
1
0
1
1
0
0
0
0
Program Lock bit 1
1
0
12.75V
1
1
1
1
1
Program Lock bit 2
1
0
12.75V
1
1
1
0
0
Program Lock bit 3
1
0
12.75V
1
0
1
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com