Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80C51RA2-RLSIV Datasheet(PDF) 51 Page - ATMEL Corporation

Part # AT80C51RA2-RLSIV
Description  High Performance 8-bit Microcontroller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51RA2-RLSIV Datasheet(HTML) 51 Page - ATMEL Corporation

Back Button AT80C51RA2-RLSIV Datasheet HTML 47Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 48Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 49Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 50Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 51Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 52Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 53Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 54Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 55Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 86 page
background image
51
4188F–8051–01/08
AT/TS8xC51Rx2
8.
TS83C51RB2/RC2/RD2 ROM
8.1
ROM Structure
The TS83C51RB2/RC2/RD2 ROM memory is divided in three different arrays:
• the code array:16/32/64 Kbytes.
• the encryption array:64 bytes.
• the signature array:4 bytes.
8.2
ROM Lock System
The program Lock system, when programmed, protects the on-chip program against software
piracy.
8.2.1
8.2.1 Encryption Array
Within the ROM array are 64 bytes of encryption array that are initially unprogrammed (all FF’s).
Every time a byte is addressed during program verify, 6 address lines are used to select a byte
of the encryption array. This byte is then exclusive-NOR’ed (XNOR) with the code byte, creating
an encrypted verify byte. The algorithm, with the encryption array in the unprogrammed state,
will return the code in its original, unmodified form.
When using the encryption array, one important factor needs to be considered. If a byte has the
value FFh, verifying the byte will produce the encryption byte value. If a large block (>64 bytes)
of code is left unprogrammed, a verification routine will display the content of the encryption
array. For this reason all the unused code bytes should be programmed with random values.
This will ensure program protection.
8.2.2
Program Lock Bits
The lock bits when programmed according to Table 8-1. will provide different level of protection
for the on-chip code and data.
U: unprogrammed
P: programmed
8.2.3
Signature bytes
The TS83C51RB2/RC2/RD2 contains 4 factory programmed signatures bytes. To read these
bytes, perform the process described in section 8.3.
Table 8-1.
Program Lock bits
Program Lock Bits
Protection Description
Security
level
LB1
LB2
LB3
1
U
U
U
No program lock features enabled. Code verify will still be encrypted
by the encryption array if programmed. MOVC instruction executed
from external program memory returns non encrypted data.
2
P
U
U
MOVC instruction executed from external program memory are
disabled from fetching code bytes from internal memory, EA is
sampled and latched on reset.
3
U
P
U
Same as level 1+ Verify disable.
This security level is only available for 51RDX2 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com