Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80C51RA2-RLSIV Datasheet(PDF) 55 Page - ATMEL Corporation

Part # AT80C51RA2-RLSIV
Description  High Performance 8-bit Microcontroller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51RA2-RLSIV Datasheet(HTML) 55 Page - ATMEL Corporation

Back Button AT80C51RA2-RLSIV Datasheet HTML 51Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 52Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 53Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 54Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 55Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 56Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 57Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 58Page - ATMEL Corporation AT80C51RA2-RLSIV Datasheet HTML 59Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 86 page
background image
55
4188F–8051–01/08
AT/TS8xC51Rx2
Figure 9-1.
Set-Up Modes Configuration
9.3.3
Programming Algorithm
The Improved Quick Pulse algorithm is based on the Quick Pulse algorithm and decreases the
number of pulses applied during byte programming from 25 to 1.
To program the TS87C51RB2/RC2/RD2 the following sequence must be exercised:
• Step 1: Activate the combination of control signals.
• Step 2: Input the valid address on the address lines.
• Step 3: Input the appropriate data on the data lines.
• Step 4: Raise EA/VPP from VCC to VPP (typical 12.75V).
• Step 5: Pulse ALE/PROG once.
• Step 6: Lower EA/VPP from VPP to VCC
Repeat step 2 through 6 changing the address and data for the entire array or until the end of
the object file is reached (See Figure 9-2).
9.3.4
Verify algorithm
Code array verify must be done after each byte or block of bytes is programmed. In either case,
a complete verify of the programmed array will ensure reliable programming of the
TS87C51RB2/RC2/RD2.
P 2.7 is used to enable data output.
To verify the TS87C51RB2/RC2/RD2 code the following sequence must be exercised:
• Step 1: Activate the combination of program and control signals.
• Step 2: Input the valid address on the address lines.
• Step 3: Read data on the data lines.
Repeat step 2 through 3 changing the address for the entire array verification (See Figure 9-2.)
+5V
VCC
P0.0-P0.7
P1.0-P1.7
P2.0-P2.5
P3.4-P3.5
VSS
GND
D0-D7
A0-A7
A8-A15
RST
EA/VPP
ALE/PROG
PSEN
P2.6
P2.7
P3.3
P3.7
P3.6
XTAL1
4 to 6 MHz
CONTROL SIGNALS*
PROGRAM SIGNALS*
* See Table 31. for proper value on these inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com